Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS274C65CP Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS274C65CP
Description  TPS274C65CP 72mΩ Quad-Channel Smart High-Side Switch With Diagnostics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS274C65CP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS274C65CP_V02 Datasheet HTML 5Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 6Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 7Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 8Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 9Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 10Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 11Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 12Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
6.5 Electrical Characteristics (continued)
VVS = 11 V to 36 V, VVDD = 3.0 V to 5.5 V, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICL_PK1
CHx Peak current
enabling into permanent
short
TJ = -40°C to 125°C, VS
= 24V
Settting = 1.0A
2.80
A
ICL_PK2
CHx Peak current
threshold when short
is applied while switch
enabled
TJ = -40°C to 125°C
VS = 24V, Minimum
inductance = 2.2 uH
Settting = 1.0A
8
A
FAULT CHARACTERISTICS
IWB_OFF
Off State Wirebreak or
Open-load (OL) detection
internal pullup current
Switch disabled, DIAG_EN = HIGH
38
51
64
µA
VWB_OFF_T
H
Off state WireBreak
(WB) or Open-load (OL)
detection voltage
Channel Disabled, off-state wire-break diagnostics
enabled
5.6
6
6.5
V
TABS
Thermal shutdown
160
185
210
°C
THYS
Thermal shutdown
hysteresis
20
27
35
°C
Vol_FLT
Fault low-output voltage
IFLT = 2 mA, sink current into the pin
0.4
V
tRETRY
Retry time
Time from thermal shutdown until switch re-enable.
0.6
ms
DIGITAL INPUT PIN CHARACTERISTIC
VIH, DIG
DIG pin Input voltage
high-level
3.0 V ≤ VDD ≤ 5.5 V
0.7 ×
VVDD
V
VIL, DIG
DIG pin Input voltage
low-level
3.0 V ≤ VDD ≤ 5.5 V
0.3 ×
VVDD
V
RREG_EN
Internal pullup resistance
for REG_EN pin
1
MΩ
RDIGx
Internal pulldown resistor
0.7
1
2.0
MΩ
IIH, DIG
Input current high-level
VDIG = 5 V
5
µA
DIGITAL OUTPUT PIN CHARACTERISTICS
VOL_ST
Output Logic Low Voltage ST Pin current = –4 mA
0.4
V
6.6 Switching Characteristics
VS = 6 V to 36 V, TJ = –40°C to +125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDR
CHx Turnon delay time
VS = 24 V, RL = 48 Ω 50% of EN to
10% of VOUT
5
18
25
µs
tDF
CHx Turnoff delay time
VS = 24 V, RL = 48 Ω 50% of EN to
90% of VOUT
16
24
33
µs
SR2R
VOUTx rising slew rate
VS = 24 V, 25% to 75% of VOUT,
RL = 48 Ω,
1
1.6
2.2
V/µs
SR2F
VOUTx falling slew rate
VS = 24 V, 75% to 25% of VOUT,
RL = 48 Ω,
1
1.4
1.8
V/µs
fmax
Maximum PWM frequency
1
kHz
tON
CHx Turnon time
VS = 24 V, RL = 48 Ω 50% of EN to
90% of VOUT
33
42
µs
tOFF
CHx Turnoff time
VS = 24 V, RL = 48 Ω 50% of EN to
10% of VOUT
46
57
µs
tON - tOFF
CHx Turnon and off matching
1ms ON time switch enable
pulse VBB = 24 V, RL = 48 Ω
–41
–7
23
µs
www.ti.com
TPS274C65CP
SLVSH35A – OCTOBER 2023 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS274C65CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com