Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS274C65CP Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS274C65CP
Description  TPS274C65CP 72mΩ Quad-Channel Smart High-Side Switch With Diagnostics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS274C65CP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS274C65CP_V02 Datasheet HTML 22Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 23Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 24Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 25Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 26Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 27Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 28Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 29Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
9.2.1 Design Requirements
Table 9-1. Recommended External Components
COMPONENT
TYPICAL VALUE
PURPOSE
RPROT
5-10 kΩ
Protect microcontroller and device I/O pins
RST
4.7 kΩ
Open-drain pull-up resistor
RILIMx
13.3 kΩ to 110 kΩ
Discrete value outlined in Table 8-1
CVin1
100 nF to System GND
Stabilize the input supply and filter out low frequency noise
CVin2
4.7 nF to IC GND
Filtering of voltage transients (for example, ESD, IEC 61000-4-5) and improved
emissions
CVDD
2.2 uF to Module GND
Stabilize the input supply and limit supply excursions.
COUT
22 nF
Filtering of voltage transients (for example, ESD, RF transients)
ZTVS
36-V TVS
Clamp surge voltages at the supply input
DGND
Diode with < 0.7-V forward
voltage drop
Optional for reverse polarity protection - if needed
RGND
4.7 kΩ
Stabilize IC GND in the event of negative output swings when GND network is
used
9.2.2 Detailed Design Procedure
In an example application with maximum load current of 500 mA, the current limit must be set to an acceptable
level. With the current limit variation and tolerance allowed for this specific application, the current limit setting
of 1 A is chosen. Referring back to the Table 8-1, 44.2-kΩ resistor with 1% tolerance needs to be placed at the
ILIMCFG pin.
Depending on the tolerance on the maximum current for the application, the current limit resistor can be chosen
to leave the overhead needed before the current limit engages.
9.2.2.1 IEC 61000-4-5 Surge
The TPS274C65 is designed to survive against IEC 61000-4-5 surge using external TVS clamps. The device
is rated to 48 V ensuring that external TVS diodes can clamp below the rated maximum voltage of the
TPS274C65. Above 48 V, the device includes VDS clamps to help shunt current and ensure that the device
survives the transient pulses. Depending on the class of the output,TI recommends that the system has a
SMBJ36A or SMCJ36A between VS and module GND.
9.2.2.2 Loss of GND
The ground connection can be lost either on the device level or on the module level. If the ground connection is
lost, both the channel outputs are disabled irrespective of the EN input level. If the switch was already disabled
when the ground connection was lost, the outputs remain disabled even when the channels are enabled. The
steady state current from the output to the load that remains connected to the system ground is below the
level specified in the Specifications section of this document. When the ground is reconnected, normal operation
resumes.
9.2.2.3 Paralleling Channels
If an application requires lower power dissipation than is possible with a 65-mΩ switch. Since the retry timer
for each channel is not synchronized in TPS274C65CP, TI recommends to have the current limit for a single
channel set higher than the total current for the paralleled channel. For example, if two of the channel are
paralleled to drive 2A total current through the two channels, then the individual channel current limit needs to be
set higher than 2A.
If the current limit cannot be set higher, a manual toggle of ENx (enable signals for the channels being
paralleled) is needed after a thermal fault event happened.
TPS274C65CP
SLVSH35A – OCTOBER 2023 – REVISED FEBRUARY 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS274C65CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com