Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC866PCVR100A Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC866PCVR100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866PCVR100A Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC866PCVR100A Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
27
Bus Signal Timing
Figure 10 shows normal case timing for input data. It also applies to normal read accesses under the control of the
UPM in the memory controller.
Figure 10. Input Data Timing in Normal Case
Figure 11 shows the timing for the input data controlled by the UPM for data beats where DLT3 = 1 in the UPM
RAM words. (This is only the case where data is latched on the falling edge of CLKOUT.)
Figure 11. Input Data Timing when Controlled by UPM in the Memory Controller and DLT3 = 1
CLKOUT
TA
D[0:31],
DP[0:3]
B16
B17
B19
B18
CLKOUT
TA
D[0:31],
DP[0:3]
B20
B21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com