Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC866PCVR100A Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC866PCVR100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866PCVR100A Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC866PCVR100A Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
63
CPM Electrical Characteristics
Figure 60. HDLC Bus Timing Diagram
12.8 Ethernet Electrical Specifications
Table 24 shows the Ethernet timings as shown in Figure 61 through Figure 65.
Table 24. Ethernet Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
120
CLSN width high
40
—
ns
121
RCLK1 rise/fall time
—
15
ns
122
RCLK1 width low
40
—
ns
123
RCLK1 clock period 1
80
120
ns
124
RXD1 setup time
20
—
ns
125
RXD1 hold time
5
—
ns
126
RENA active delay (from RCLK1 rising edge of the last data bit)
10
—
ns
127
RENA width low
100
—
ns
128
TCLK1 rise/fall time
—
15
ns
129
TCLK1 width low
40
—
ns
130
TCLK1 clock period 1
99
101
ns
131
TXD1 active delay (from TCLK1 rising edge)
—
50
ns
132
TXD1 inactive delay (from TCLK1 rising edge)
6.5
50
ns
133
TENA active delay (from TCLK1 rising edge)
10
50
ns
TCLK1
CTS1
(Echo Input)
102
100
104
TxD1
(Output)
102
101
RTS1
(Output)
103
104
107
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com