Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC866PCVR100A Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC866PCVR100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866PCVR100A Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC866PCVR100A Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
64
Freescale Semiconductor
CPM Electrical Characteristics
Figure 61. Ethernet Collision Timing Diagram
Figure 62. Ethernet Receive Timing Diagram
134
TENA inactive delay (from TCLK1 rising edge)
10
50
ns
135
RSTRT active delay (from TCLK1 falling edge)
10
50
ns
136
RSTRT inactive delay (from TCLK1 falling edge)
10
50
ns
137
REJECT width low
1
—
CLK
138
CLKO1 low to SDACK asserted 2
—20
ns
139
CLKO1 low to SDACK negated 2
—20
ns
1
The ratios SyncCLK/RCLK1 and SyncCLK/TCLK1 must be greater or equal to 2/1.
2
SDACK is asserted whenever the SDMA writes the incoming frame DA into memory.
Table 24. Ethernet Timing (continued)
Num
Characteristic
All Frequencies
Unit
Min
Max
CLSN(CTS1)
120
(Input)
RCLK1
121
RxD1
(Input)
121
RENA(CD1)
(Input)
125
124
123
127
126
Last Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com