Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC866PCVR100A Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC866PCVR100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866PCVR100A Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC866PCVR100A Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
77
FEC Electrical Characteristics
Figure 77 shows the MII serial management channel timing diagram.
Figure 77. MII Serial Management Channel Timing Diagram
M13
MII_MDIO (input) to MII_MDC rising edge hold
0
—
ns
M14
MII_MDC pulse width high
40%
60%
MII_MDC period
M15
MII_MDC pulse width low
40%
60%
MII_MDC period
Table 36. MII Serial Management Channel Timing
Num
Characteristic
Min
Max
Unit
M11
MII_MDC (output)
MII_MDIO (output)
M12
M13
MII_MDIO (input)
M10
M14
MM15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com