Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC866PCVR100A Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC866PCVR100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866PCVR100A Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC866PCVR100A Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
75
FEC Electrical Characteristics
Figure 74. MII Receive Signal Timing Diagram
14.2 MII Transmit Signal Timing (MII_TXD[3:0], MII_TX_EN,
MII_TX_ER, MII_TX_CLK)
The transmitter functions correctly up to a MII_TX_CLK maximum frequency of 25 MHz +1%. There is no
minimum frequency requirement. In addition, the processor clock frequency must exceed the MII_TX_CLK
frequency - 1%.
Table 34 shows information on the MII transmit signal timing.
Table 34. MII Transmit Signal Timing
Num
Characteristic
Min
Max
Unit
M5
MII_TX_CLK to MII_TXD[3:0], MII_TX_EN, MII_TX_ER
invalid
5—
ns
M6
MII_TX_CLK to MII_TXD[3:0], MII_TX_EN, MII_TX_ER
valid
—25
—
M7
MII_TX_CLK pulse width high
35%
65%
MII_TX_CLK period
M8
MII_TX_CLK pulse width low
35%
65%
MII_TX_CLK period
M1
M2
MII_RX_CLK (input)
MII_RXD[3:0] (inputs)
MII_RX_DV
MII_RX_ER
M3
M4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com