Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC866PCVR100A Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC866PCVR100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866PCVR100A Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC866PCVR100A Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
74
Freescale Semiconductor
FEC Electrical Characteristics
Figure 73 shows signal timings during UTOPIA transmit operations.
Figure 73. UTOPIA Transmit Timing
14 FEC Electrical Characteristics
This section provides the AC electrical specifications for the fast Ethernet controller (FEC). Note that the timing
specifications for the MII signals are independent of system clock frequency (part speed designation). Also, MII
signals use TTL signal levels compatible with devices operating at either 5.0 or 3.3 V.
14.1 MII Receive Signal Timing (MII_RXD [3:0], MII_RX_DV,
MII_RX_ER, MII_RX_CLK)
The receiver functions correctly up to a MII_RX_CLK maximum frequency of 25 MHz + 1%. There is no minimum
frequency requirement. In addition, the processor clock frequency must exceed the MII_RX_CLK frequency – 1%.
Table 33 shows the timings for MII receive signal.
Figure 74 shows the timings for MII receive signal.
Table 33. MII Receive Signal Timing
Num
Characteristic
Min
Max
Unit
M1
MII_RXD[3:0], MII_RX_DV, MII_RX_ER to MII_RX_CLK setup
5
—
ns
M2
MII_RX_CLK to MII_RXD[3:0], MII_RX_DV, MII_RX_ER hold
5
—
ns
M3
MII_RX_CLK pulse width high
35%
65%
MII_RX_CLK period
M4
MII_RX_CLK pulse width low
35%
65%
MII_RX_CLK period
UtpClk
UTPB
TxEnb
1
2
SOC
5
TxClav
PHSELn
3
4
5
HighZ at MPHY
High-Z at MPHY
U1
U1
U2
U2
U2
U3
U4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com