Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC866PCVR100A Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MPC866PCVR100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866PCVR100A Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MPC866PCVR100A Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
81
Mechanical Data and Ordering Information
Table 39 contains a list of the MPC866 input and output signals and shows multiplexing and pin assignments.
Table 39. Pin Assignments
Name
Pin Number
Type
A[0:31]
B19, B18, A18, C16, B17, A17, B16, A16, D15, C15, B15, A15,
C14, B14, A14, D12, C13, B13, D9, D11, C12, B12, B10, B11, C11,
D10, C10, A13, A10, A12, A11, A9
Bidirectional
Three-state
TSIZ0
REG
B9
Bidirectional
Three-state
TSIZ1
C9
Bidirectional
Three-state
RD/WR
B2
Bidirectional
Three-state
BURST
F1
Bidirectional
Three-state
BDIP
GPL_B5
D2
Output
TS
F3
Bidirectional
Active Pull-up
TA
C2
Bidirectional
Active Pull-up
TEA
D1
Open-drain
BI
E3
Bidirectional
Active Pull-up
IRQ2
RSV
H3
Bidirectional
Three-state
IRQ4
KR
RETRY
SPKROUT
K1
Bidirectional
Three-state
CR
IRQ3
F2
Input
D[0:31]
W14, W12, W11, W10, W13, W9, W7, W6, U13, T11, V11, U11,
T13, V13, V10, T10, U10, T12, V9, U9, V8, U8, T9, U12, V7, T8,
U7, V12, V6, W5, U6, T7
Bidirectional
Three-state
DP0
IRQ3
V3
Bidirectional
Three-state
DP1
IRQ4
V5
Bidirectional
Three-state
DP2
IRQ5
W4
Bidirectional
Three-state
DP3
IRQ6
V4
Bidirectional
Three-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com