Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC866PCVR100A Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC866PCVR100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866PCVR100A Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC866PCVR100A Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
61
CPM Electrical Characteristics
12.7 SCC in NMSI Mode Electrical Specifications
Table 22 shows the NMSI external clock timings.
Table 23 shows the NMSI internal clock timings.
Table 22. NMSI External Clock Timings
Num
Characteristic
All Frequencies
Unit
Min
Max
100
RCLK1 and TCLK1 width high 1
1
The ratios SyncCLK/RCLK1 and SyncCLK/TCLK1 must be greater than or equal to 2.25/1.
1/SYNCCLK
—
ns
101
RCLK1 and TCLK1 width low
1/SYNCCLK +5
—
ns
102
RCLK1 and TCLK1 rise/fall time
—
15.00
ns
103
TXD1 active delay (from TCLK1 falling edge)
0.00
50.00
ns
104
RTS1 active/inactive delay (from TCLK1 falling edge)
0.00
50.00
ns
105
CTS1 setup time to TCLK1 rising edge
5.00
—
ns
106
RXD1 setup time to RCLK1 rising edge
5.00
—
ns
107
RXD1 hold time from RCLK1 rising edge 2
2
Also applies to CD and CTS hold time when they are used as an external sync signal.
5.00
—
ns
108
CD1 setup time to RCLK1 rising edge
5.00
—
ns
Table 23. NMSI Internal Clock Timings
Num
Characteristic
All Frequencies
Unit
Min
Max
100
RCLK1 and TCLK1 frequency 1
1
The ratios SyncCLK/RCLK1 and SyncCLK/TCLK1 must be greater or equal to 3/1.
0.00
SYNCCLK/3
MHz
102
RCLK1 and TCLK1 rise/fall time
—
—
ns
103
TXD1 active delay (from TCLK1 falling edge)
0.00
30.00
ns
104
RTS1 active/inactive delay (from TCLK1 falling edge)
0.00
30.00
ns
105
CTS1 setup time to TCLK1 rising edge
40.00
—
ns
106
RXD1 setup time to RCLK1 rising edge
40.00
—
ns
107
RXD1 hold time from RCLK1 rising edge 2
2
Also applies to CD and CTS hold time when they are used as an external sync signals.
0.00
—
ns
108
CD1 setup time to RCLK1 rising edge
40.00
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com