Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75-9 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PL75-9 Datasheet HTML 1Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 2Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 3Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 4Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 5Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 6Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 7Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 8Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
4
Trompeter has a long and proud history of servicing space applications. NASA uses the specification (SP-R-0022),
Vacuum Stability Requirements of Polymeric Material for Space Application, to qualify materials for use in spacecraft.
This has also become the standard in the commercial space industry. This specification governs the "outgassing" of non-
metallic materials. Outgassing occurs when a non-metallic material is placed into a vacuum, subjected to heat, and some
of its constituents are volatilized.
One of the bi-products of outgassing is that the material loses a portion of its mass. This is referred to as Total Mass Loss,
or TML. Under the NASA specification, the material's TML should not exceed 1.0% of the total specimen mass. This
issue is very important because shrinkage may contribute to the failure of a connector as the connector components will
no longer fit properly.
Another bi-product of outgassing is Collectable Volatile Condensable Material (CVCM). This represents the quantity
of outgassed matter that condenses and collects on a surface. Under the NASA specification, the maximum condensable
material allowed is 0.1% of the total specimen mass. This is very critical in a thermal/vacuum environment because it
is the condensed material that will contaminate optical and sensory surfaces causing them to possibly fail.
Some polymeric materials meet the requirements of a TML less than 1.0% and CVCM of less than 0.1% through the
normal manufacturing process. Other polymeric materials, while not within limits after their manufacture, can be
brought within vacuum stability limits by vacuum baking for a specific period of time (usually 48 hours at maximum
use temperature at a pressure less than 10-5 torr). If a material cannot be vacuum baked, its exposure area is 13cm2 or less,
and is out of sight of a payload or other critical surfaces, then a TML not greater than 3.0% and a CVCM not greater than
1.0% is acceptable.
Test conditions are ASTM E-595 or ASTM F-1227. The test consists of heating a sample to 125
°C for 24 hours under
a 10-5 torr vacuum and measuring the weight loss and any material that condenses on an adjacent cold surface area (25
°C).
The most common candidates for outgassing in Trompeter product lines include:
1. Silicon rubber per ZZ-R-765E/GEN (Federal Spec), Class 2B, Grade 40, 50, 60, and 70. Almost all of
Trompeter's gaskets are manufactured from this material. These materials require a post process
(by Trompeter) at 200
°centigrade for 6 hours minimum.
2. Ink. Trompeter uses MarkemTM series 7224 inks (in a variety of colors) for part marking. Only blue 7224
Markem ink has acceptable TML (0.43%) and CVCM (0.07%) readings after a post cure process. While this
is acceptable, Trompeter recommends impression stamping the connector rather than ink marking.
3. Shrinkable strain relief/sealing sleeve. Sleeves made from KynarTM material meets the requirement for
outgassing at 0.14% TML and 0.02% CVCM.
4. Insulators. At Trompeter, the majority of dielectric insulators are made from PTFE. (TeflonTM is Dupont's
trademark for PTFE, FEP, and PFA fluoropolymer resins). PTFE has excellent TML (0.07%) and CVCM
(0.01%) readings. The loss rate is about one-tenth of the acceptable maximum rates for spacecraft uses.
Space-qualified connectors
Outgassing Requirements
for Space Rated Connectors
For a list of connectors which meet outgassing requirements, contact our technical support staff.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com