Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75-9 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 36Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 37Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 38Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 39Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 40Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 41Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 42Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 43Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
40
Coax "n" connectors, 90 series
coax "f" connectors 130 series
Trompeter's "N" Connector Series is utilized for interconnection on antenna towers, lightning protection boxes, power distribution and
ancillary systems. Trompeter offers a complete line of remarkable new 50
Ω "N" connectors for current industry standard flexible and
corrugated cables.
"N" Type Bulkhead Jack
50Ω
BJ92
Panel Thk: .250 MAX
Right Angle Circuit Board Jack
Type "N" Coaxial Bulkhead
Mount Receptacle
50Ω
CBBJR99
DD4.310
Cable group table, See pages 91-133.
.625-24UNEF-2A
.750-32UNEF-2A
1.286
Ø1.000
1.00 HEX
GASKET
.818
.468
SOLDER POT
ACCEPTS Ø.095
WIRE
Ø,765
.755
.662
.658
Between Series Coaxial Female
BNC to Male “F” Adapter
75Ω
AD1300
Ø.50
1.06
±.03
.437 HEX
f adapter
AD131
.437 HEX
.375-32-2A TYP
.371
.662
1.290
.312 WRENCH FLATS
.634
.553
.081 DIA
.104 DIA
4 PLACES
.866
DIA
.750 HEX NUT
.930
1.555
.187
1.867
.072
TYP
.553
TYP
.350
.450
TYP
.575
.800 DIA
The connector solution for CATV appliances! Whether you
are dealing with a set-top box or a cable modem, convert your
problem F connector jack to a BNC at the jack or socket and
enable Carrier Class performance. Face it, the single largest
technical problem with the HFC delivery network used by
cable TV service providers is the F connector. The F was
selected back when CATV was a one way residential only
entertainment delivery system for television.
What better way to bring your system performance up to
Carrier Class than to convert from the F connector to the
Telco standard connector, the Trompeter BNC series? Now
it's simply using the Trompeter AD1300 between series
adapter (drawing above), which converts your F jack into a
BNC jack at the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com