Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75-9 Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 80Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 81Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 82Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 83Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 84Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 85Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 86Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 87Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
84
Electronic systems wiring & cable
The 93 ohm cable was developed to address the need for a low-ca-
pacitance instrumentation coax cable. By removing some of the coax
dielectric and substituting air in the RG59 cable, the distributed ca-
pacitance was lowered, thereby creating a lower voltage loss transmis-
sion medium (RG62 cable).
More sophisticated cables and connectors of twinax, triax and quadrax
are now available. These newer components improve external noise
rejection and containment of classified signals.
Signal Degradation
Signal degradation in any transmission medium usually consists of
voltage amplitude reductions, wave shape changes, phase or delay
changes, or power losses where power is transmitted. In most systems
the interconnecting cable is the longest transmission path and its se-
lection, manufacture, testing and installation should be carefully con-
sidered. Cable should not be randomly selected and installed.
When selecting cable from specifications, always consider the length
of the cable run, heat exposure, frequency and power to be transmitted
vs. the acceptable losses inherent in the cable, the external noise fields
and frequencies to be anticipated or encountered. Also consider the
availability of connectors to terminate the cable. Too small a cable
will always be cause for excessive losses. Fast rise time digital pulses
will have the leading edge distorted due to the high resistance “skin”
effect of small coax cables. When selecting a cable for a long run,
observe the insertion loss to assure that your signal gets to its destina-
tion without too much loss.
When in doubt select a larger cable! Incomplete copper coverage in
the outer braid over the dielectric will cause transmission line losses
and affect the cable's susceptibility to signal leakage or noise pickup.
A copper braid coverage 90% is preferred. Skimping on the quality of
the copper braid will affect the cable's loop resistance and its "line"
and "transfer" impedance. As a good rule of thumb, if the dielectric is
visible through the braid (without bending the cable) then the cable
should not be used.
Unseen manufacturing faults produce signal path impedance changes
or discontinuity which can only be detected by “frequency sweeping”
the cable. TV broadcasters have encountered as high as 60 dB losses
in short runs due to periodicity and other manufacturing faults that are
only detectable by swept frequency testing techniques. RG59, RG62,
and other coax cables use copper weld wire for the center conductor.
Copperweld is a high resistance steel wire with a copper cladding on
the outside and was originally intended to give strength to TV cables
when suspended from poles or pulled through ducts. However this
steel wire will increase the cable attenuation on a long run (particu-
larly at the lower frequencies) due to the high resistance of the copper
clad steel. RG59 and RG62 have approximately 44 ohms per 1000
loop feet as compared to 17 ohms when using pure copper for the
same size center conductor. It is also difficult to effectively crimp a
center contact pin on the hard steel copperweld wire.
After buying the most expensive “end” equipment, many systems
engineers have difficulty in determining the best methods of cabling
and interconnecting for the routing of signals with minimal loss,
degradation and noise pickup. Simple solutions such as selecting the
correct cable, eliminating common mode grounds or physically sepa-
rating long runs of parallel cables will help make the difference be-
tween a good or bad system. It must be emphasized that these good
practices must be implemented at the time of initial design and are
almost impossible to implement after the system is built. This “inter-
face” engineering will be discussed in following sections titled "Sig-
nal Degradation" and "Noise".
The systems engineer should study his system parameters and noise
environment before selecting his cabling and connector components.
Consideration must be given to:
•
Signal frequencies
•Voltage and power levels
•Tolerable losses and degradation
•
Reflected signals due to discontinuity
•
Noise from direct contact common mode and ground loop
returns, or radiated stray magnetic and capacitive fields.
Circuit wiring and cabling are susceptible to the pickup of noise, and
all low voltage signal and data wiring should be shielded irrespective
of the frequency to be transmitted. Coax cable (primarily designed to
carry RF) is excellent for digital data transmission. It is relatively
inexpensive (RG58, RG122, etc.) and many complete series of coax
connectors are readily available.
High speed and broadband digital data must use RF (radio frequency)
coax transmission cable since the fast rise time narrow pulse has har-
monics reaching into the RF region. For higher frequencies, coax
cable must be used for point-to-point wiring since it has the trans-
mission characteristics, flexibility and economy necessary for most
systems.
Impedance Standards of Coax Cables
The most efficient impedance to use when transmitting a signal (con-
sidering only the voltages, currents and powers to be transmitted) is
75 ohm. The telephone industry, followed by the TV industry, uses
75 ohm almost exclusively for the transmission of voice, video, and
data.
The military services were faced with a differing need for low radia-
tion angle omnidirectional antennas during the period 1920 through
1940 for broadcasting ship to ship, airport tower to low flying air-
craft, and base station to ground troops. The only antenna that would
fill that need was the vertical ground plane antenna (in its many
forms) with transmissions at 50 ohm. The military standardized on
50 ohm impedance and spent vast sums of money developing cables
and connectors for all of their coax systems. The current general
connector standard is MIL–C–39012 (primarily for 50 ohm usage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com