Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75-9 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 38Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 39Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 40Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 41Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 42Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 43Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 44Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 45Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
42
coax "f" connectors 130 series
Circuit Board Edge Mount
“F” Style Female Jack
CBJE130-1, -2, or -3
Circuit Board Edge Mount
“F” Style Male Plug
CBPLE130-1,-2, or -3
(.970)
.900
.650
.057
TYP
.304
FLATS
.375-32UNEF-2A
.053
.035 3X
MATING CENTER CONTACT RANGE Ø.024 - .042
Ø.375
60°
Ø.045
Ø.062 X3
±.003
Ø.340 BC
±.003
120° X3
TRACE
.045
.100 MIN
RECOMMENDED PCB
HOLE PATTERN
“F” Series 3-Post Circuit
Board Mount Receptacle
with Special Right Angle
Contact
105-2137
“F” Series, Bulkhead,
Circuit Board Mount Receptacle
CBBJ139
.304
.375-32UNEF-2A
.650
1.000
.250
BOARD
THICKNESS
Ø.400
Ø.045
.316
.312
.384
.380
RECOMMENDED
CUT-OUT
PART NO
BOARD THICKNESS
CBJE130-1
.060 - .064
CBJE130-2
.028 - .033
CBJE130-3
.090 - .094
1.010
.994
BOARD
THICKNESS
.250
.437
HEX
Ø.045
CONTACT
Ø.400
RINSE NOTCH
.25 OVER LAP
.050
.050
.170
CENTER TRACE
GROUND PAD
RECOMMENDED PCB
LAY-OUT
PART
NO
CBPLE130-1
.060 - .064
CBPLE130-2
.028 - .033
CBPLE130-3
.090 - .094
BOARD
THICKNESS
RECOMMENDED
PANEL CUTOUT
Ø.417
.413
.346
.342
Ø.675
.304
"D"
FLATS
.375-32UNEF-2A
.437 HEX NUT
.745
O-RING
LOCK WASHER
1.050
(1.250)
.080
SOLDER
LEGS
.187
TYP
.013
TYP
Ø.575
.335
TYP
Ø.040
±.002
4 PLACES
Ø.045
±.002
RECOMMENDED
MTG HOLE PATTERN
Ø.051
±.004
5 PLACES
.335
TYP
MATING CENTER
CONTACT DIA RANGE
.037 - .043 INCHES
MAXIMUM PANEL THICKNESS: .284 INCHES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com