Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75-9 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 9Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 10Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 11Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 12Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 13Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 14Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 15Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 16Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
13
.437 HEX
.402
1.050
.093 DIA
.375 HEX NUT
.3125-32UNEF-2A
SOLDER POT
ACCEPTS
.034 MAX
DIA
CONDUCTOR
GASKET
.469 DIA
.727 REF
Hermetic seals prevent leakage through the bulkhead from
inside of the connector. Trompeter's miniature size hermeti-
cally sealed connectors include the feed-through BJ78HS, the
front mounted BJ77HS, the rear mounted BJ79HS and the
newly designed threaded BJ379HS. In the subminiature size we
offer the front mounted BJ157HS and BJ157FLHS (four lug
version). The BJ3150HS and BJ3150SHS offer a threaded rear
mount version with a safety wire option. These connectors are
designed for bulkhead mounting in vacuum chambers, or where
toxic and other gases are present. These connectors have leakage
rates of 1x10-8 atm cc/second. The 150 Series have leakage rates
of 1x10-6 atm cc/ second.
Features
▲ Standard TRB/MIL-C-49142
▲ Glass to Metal Seals
▲ Sustains Extreme Temperature Ranges
▲ Standard Brass Body
▲ Gold Plated Contacts
Benefits
▲ The Most Mechanical and Environmentally Reliable Method
▲ Wide Range of Application Usage
▲ More Cost Effective than Stainless Steel
▲ Reliable Connections
Hermetically sealed connectors
Concentric Twinax/Triax
Hermetically Sealed
Miniature Twinax/triax
Feed-thru Bulkhead Mount
Mounting Hole: D3.187
BJ78HS
BJ378HS (Threaded Version Not Shown)
Insulated Version
Mounting Hole: D2.187
BJ73HS (Not Shown)
Hermetically Sealed
Miniature twinax/triax
Rear mount,Bulkhead Mount
BJ79HS
Mounting Hole: D3.160
"D" Mounting holes see page 54
Hermetically Sealed
Subminiature twinax/triax
rear mount
BJ3150HS
A = .500
solder pot bulkhead
BJ3150SHS
A = .562
Mounting Hole: D4.200
Hermetically Sealed
Miniature Twinax/Triax TRT/Threaded
BJ376HS
Mounting Hole: D3.160
Hermetically
sealed
Bulkhead Jack
3-lug
BJ157HS
4-lug
BJ157FLHS
Mounting Hole: D6.187
Hermetically
Sealed
Bulkhead Jack
Front Mount
BJ77HS
Mounting Hole: D4.125
They all meet MIL-C-49142 specifications.
Standard non-
hermetic connector types such as the BJ78 could leak between
the contacts and dielectrics. Hermetically sealed connectors can
be used in commercial, military, and industrial applications
where toxic gas maybe present. Hermetic connectors are highly
beneficial in reactors, gas/petro plants, oil drilling sites, liquid
test and measurement, and space applications. They are reliable
under the most severe atmospheric conditions.
Note: Only a select few of our hermetically sealed connectors are shown here. Contact the factory for more information.
.140 DIA
.892
.600 DIA
1.050
.750
.100
A HEX NUT
.4375-28UNEF-2A
SOLDER POT
ACCEPTS .034
DIA CONDUCTOR
WIRE HOLE
ACCEPTS .027
DIAMETER
CONDUCTOR
.625 HEX NUT
.500-28UNEF-2A
.437 WRENCH
FLATS
.15
.840
1.09
.690 DIA
.56 HEX NUT
.500-28UNEF-2A
.437 WRENCH
FLATS
.15
.800
1.09
.690 DIA
.775
1.290
.500-28UNEF-2A
.562 HEX NUT
.730 DIA
.562
DIA
.380
DIA
.062
.487
.765
.428
.500 HEX NUT
.4375-28UNEF-2A
.15
.892
BJ78HS Shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com