Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75-9 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 61Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 62Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 63Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 64Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 65Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 66Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 67Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 68Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
65
2.866
BNC RECEPTACLE
-30° TYP
.156 DIA MOUNTING HOLE
.447 DIA
.570
BNC 50Ω RCA Center pin-.070"
J13-R
BNC 75Ω WE Center pin-.090"
J13W-R
(WECo 477B type)
TNC 50Ω
J13H-R
TNC 75Ω
J13WH-R
Coax patch jacks
Patch Jack
BNC Rear Interface
50Ω RCA Center pin-.070"
J3
75Ω WE Center pin-.090"
J3W
Patch Jack
Solder Pot
50Ω RCA Center pin-.070"
J3D
75Ω WE Center pin-.090"
J3WD
(WECo 468 type)
Patch Jack
Cable Entry
50Ω RCA Center pin-.070"
J3E-
75Ω WE Center pin-.090"
J3WE-
(WECo 447 type) Microswitch not available
Patch Jack
"N"
50Ω "N", RCA Center pin -.070"
J9
75Ω "N",WE Center pin -.090"
UJ9W
Minimum vertical/horizontal centers .875"
Patch Jack
TNC
50Ω RCA Center pin-.070"
J5
75Ω WE Center pin-.090"
J5W
BNC
50Ω RCA Center pin-.070"
J10
75Ω WE Center pin-.090"
J10W
Requires special threaded panel .5-.28 UNEF-2A. Contact Factory when ordering panels.
Self-terminating
50Ω RCA Center pin-070"
J13C-R-
75Ω WE Center pin-.090"
J13WC-R-
Cable crimp: Circuit is terminated when plug is removed.
J3W Shown
Patch Jack
Patch Jack
Patch Jack
Self-terminating
- Refers to Cable Group Table, see pages 91-133. Standard Panels are on page 51-54. Consult with the factory for special requirements. R = Resistance
1
1
1
1
J3E-1 Shown
1
.447
.570
2.366
.797
.156 DIA MTG HOLE
2.42
.500
DIA
.164
.36
.081 DIA HOLE IN
SOLDER LUG
SOLDER POT
ACCEPTS
.063 DIA
WIRE
.812
.156 DIA MTG HOLE
.200
.570
.447
DIA
.500 WRENCH FLATS
.562
DIA
.156 MTG HOLE
.812
.580
.375
.281
CABLE
ENTRY
1.892
N TYPE RECEPTACLE
2.590
.570
.447 DIA
.156 DIA MTG HOLE
2.366
.580
.500
DIA
BNC RECEPTACLE
.447
DIA
.215
.500-28UNEF-2A
.596
DIA
TNC RECEPTACLE
2.366
.500 DIA
.156 DIA MTG HOLE
3.468
.156 DIA MOUNTING HOLE
.447 DIA
.570
.530
DIA
J13(W)C-003 SHOWN
.437 WRENCH
FLATS
.449
.445
DIA
.570
2.366
.500
DIA
BNC RECEPTACLE
44°-30'
.156 DIA
MTG HOLE
.562
.375
.812
.281
SWITCHES
J3A SHOWN
.156 DIA
.812
.375
.281
.562
.447
DIA
.570
2.473
.437 WRENCH FLATS
.500
CRIMP
SLEEVE
Patch Jack
Crimp
50Ω RCA Center pin-.070"
J3C-
75Ω WE Center pin-.090"
J3CW-
Microswitch not available.
1
1
BNC
50Ω RCA Center pin-.070"
J3A
Patch Jack
75Ω WE Center pin-.090"
J3WA
External SPDT Microswitch (125-250 VAC, 5 amps/28 VDC, 1amp res, 3 amp. ind)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com