Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75-9 Datasheet(PDF) 96 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 96 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 92Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 93Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 94Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 95Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 96Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 97Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 98Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 99Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 100Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
96
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
BELDEN
82907
COAX
-21
*
163
36
50
BELDEN
83241
COAX
*
-11
187
37
50
BELDEN
83242
COAX
-1
-12
193
39
50
BELDEN
83264
COAX
-5
-4
100
12
75
BELDEN
83265
COAX
-5A
-11
71
10
50
BELDEN
83266
COAX
-22
-8
141
12
95
BELDEN
83267
COAX
-36
-4
110
12
75
BELDEN
83269
COAX
-5
-3
100
18
50
BELDEN
83284
COAX
-5
-3
100
21
50
BELDEN
83303
COAX
-44
_
75
19
600V
BELDEN
83310
TWINAX
-29
-207
120
31
BELDEN
83317
TWINAX
*
-223
112
19
600V
BELDEN
83318
TWINAX
-29
-204
132
25
600V
BELDEN
83319
TWINAX
*
-221
139
32
NC
BELDEN
84142
COAX
-1
-21
195
37
50
BELDEN
84303
COAX
-21
-11
170
37
50
BELDEN
86262
COAX
-2A
-22
220
25
93
BELDEN
87108
COAX
-2A
-23
_
_
_
BELDEN
87120
COAX
-52
-24
256
40
75
BELDEN
88232
TRIAX
*
*
247
32
75
BELDEN
88240
COAX
*
*
159
32
53.5
BELDEN
88241
COAX
*
*
193
23
75
BELDEN
88281
COAX
-41
*
270
31
75
BELDEN
89108
COAX
-2A
-23
218
32
75
BELDEN
89120
COAX
-52
*
235
41
75
BELDEN
89120
COAX
*
234
41
75
BELDEN
89162
COAX
-2A
-19
_
_
75
BELDEN
89182
TWINAX
-54
307
31
150
BELDEN
89207
TWINAX
*
TOO LARGE
267
39
100
BELDEN
89248
COAX
-52
*
222
40
75
BELDEN
89259
COAX
*
*
192
31
75
BELDEN
89269
COAX
-2A
-22
222
25
93
BELDEN
89272
TWINAX
-55
*
220
39
78
BELDEN
89292
COAX
*
-52
348
64
75
BELDEN
89555
COAX
-53
-19
230
23
75
BELDEN
89880
COAX
-50
_
375
86
50
BELDEN
89907
COAX
-21 (20/90)
*
160
37
50
BELDEN
89913
COAX
*
TOO LARGE
364
108
50
BELDEN
89999
TWINAX
*
_
178
30
78
BELDEN
92289
COAX
*
*
204
25
_
BELDEN
513945
COAX
_
-52
405
64
75
BELDEN
533945
COAX
-41
-20
266
41
75
BELDEN
543945
COAX
-2A
-23
232
32
75
BELDEN
549945
COAX
_
-23
232
32
75
Note: * = Special contact factory
Cable group table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com