Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75-9 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 67Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 68Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 69Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 70Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 71Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 72Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 73Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 74Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
71
Cable Assemblies
Random Paralleling
JUNCTION
CONNECTORS
PART #
Molded
50Ω BNC-Two plugs, one jack
*PN2B-Z
Molded
75Ω BNC-Two plugs, one jack
UPN2B-Z
Metal
50Ω BNC-Two plugs, one jack
PN2BE-Z
Metal
75Ω BNC-Two plugs, one jack
**UPN2BE-Z
Molded
50Ω BNC-Three plugs, no jack
*PN3-Z
Metal
50Ω BNC-Three plugs, no jack
PN3E-Z
Metal
50Ω BNC-Four plugs, one jack
PN4-Z
* 50Ω or 75Ω Cable only
** 75Ω or 93Ω Cable only
Custom cable assemblies
Note: "Z" replace with impedance in ohms. "L" replace with length in inches.
Contact our rapid response Custom Cable Assembly Department for your cable needs.
These paralleling cables can be specified with many other connector, cable, and color combinations.
Patch Cords
Triple Paralleling
MAXIMUM
JUNCTION
STANDARD
LENGTH
PART#
Molded
50Ω RCA
Center Pin-.070"
14"
PCS-L-Z
Metal
50Ω RCA
Center Pin-.070"
None
PCSE-L-Z
Molded
75Ω WE
Center pin-.090”
14”
PCWS-L-75
metal
75Ω We
center pin-.090”
None
PCWSE-L-75
"L"
Length
in inches
"L"
Length
in inches
MOLDED
METAL
PATCH PLUGS
PATCH PLUGS
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
"L"
Length
in inches
;;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;
;
.450"
BNC PLUGS
MOLDED
JACK
MOLDED
BNC PLUGS
BNC PLUGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com