Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1530DM Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1530DM
Description  Triple Output Step-Up Plus Linear Regulators for TFT Bias
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1530DM Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1530DM Datasheet HTML 1Page - Monolithic Power Systems MP1530DM Datasheet HTML 2Page - Monolithic Power Systems MP1530DM Datasheet HTML 3Page - Monolithic Power Systems MP1530DM Datasheet HTML 4Page - Monolithic Power Systems MP1530DM Datasheet HTML 5Page - Monolithic Power Systems MP1530DM Datasheet HTML 6Page - Monolithic Power Systems MP1530DM Datasheet HTML 7Page - Monolithic Power Systems MP1530DM Datasheet HTML 8Page - Monolithic Power Systems MP1530DM Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP1530 – TRIPLE OUTPUT STEP-UP PLUS LINEAR REGULATORS FOR TFT BIAS
MP1530 Rev. 1.4
www.MonolithicPower.com
3
5/19/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
(4)
VIN = 5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input Voltage Range
VIN
2.7
5.5
V
IN Undervoltage Lockout Threshold
VUVLO
IN Rising
2.25
2.65
V
IN Undervoltage Lockout Hysteresis
100
mV
IN Shutdown Current
VEN ≤ 0.3V
0.5
1
µA
IN Quiescent Current
VEN > 2V, VFB1 = 1.4V
1.3
1.6
mA
EN Input High Voltage
VEN HIGH EN Rising
1.6
V
EN Input Low Voltage
0.3
V
EN Hysteresis
100
mV
EN Input Bias Current
1
µA
Oscillator
Switching Frequency
fSW
1
1.4
MHz
Maximum Duty Cycle
DM
85
90
%
Soft Start Period
CCT = 10nF
6
ms
3
µs
Regulator #2 Turn-On/Turn-Off Delay
CCT = 10nF
6
ms
Error Amplifier
Error Amplifier Voltage Gain
AvEA
400
V/V
Error Amplifier Transconductance
GmEA
1000
µA/V
COMP Maximum Output Current
±100
µA
FB1, FB3 Regulation Voltage
1.22
1.25
1.28
V
FB2 Regulation Voltage
–25
0
+25
mV
FB1, FB3 Input Bias Current
VFB1 = VFB3 = 1.25V
±100
nA
FB2 Input Bias Current
VFB2 = 0V
±100
nA
Reference (REF)
REF Regulation Voltage
IREF = 50µA
1.22
1.25
1.28
V
REF Load Regulation
0µA < IREF < 200µA
1
1.2
%
Output Switch (SW)
VIN = 5V
250
mΩ
SW On Resistance
VIN = 3V
400
mΩ
SW Current Limit
ILIM
2.8
3.6
A
SW Leakage Current
VSW = 22V
0.5
1
µA
GL Dropout Voltage
(5)
VGL = –10V, IGL = –20mA
0.3
V
GH Dropout Voltage
(5)
VGH = 20V, IGH = 20mA
1
V
GL Leakage Current
VIN2 = –15V, VGL = GND
1
µA
GH Leakage Current
VIN3 = 25V, VGH = GND
1
µA
Thermal Shutdown
160
°C
Notes:
4) Typical values are guaranteed by design, not production tested.
5) Dropout Voltage is the input to output differential at which the circuit ceases to regulate against further reduction in input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com