Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1530DM Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1530DM
Description  Triple Output Step-Up Plus Linear Regulators for TFT Bias
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1530DM Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1530DM Datasheet HTML 7Page - Monolithic Power Systems MP1530DM Datasheet HTML 8Page - Monolithic Power Systems MP1530DM Datasheet HTML 9Page - Monolithic Power Systems MP1530DM Datasheet HTML 10Page - Monolithic Power Systems MP1530DM Datasheet HTML 11Page - Monolithic Power Systems MP1530DM Datasheet HTML 12Page - Monolithic Power Systems MP1530DM Datasheet HTML 13Page - Monolithic Power Systems MP1530DM Datasheet HTML 14Page - Monolithic Power Systems MP1530DM Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP1530 – TRIPLE OUTPUT STEP-UP PLUS LINEAR REGULATORS FOR TFT BIAS
MP1530 Rev. 1.4
www.MonolithicPower.com
12
5/19/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
With all boost regulators the right half plane
zero (RHPZ) is given in hertz by:
1
L
I
2
V
V
V
f
LOAD
MAIN
2
MAIN
IN
RHPZ
×
×
π
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
Error Amplifier Compensation
To stabilize the feedback loop dynamics the
error amplifier compensation is as follows:
3
C
10
2
1
f
6
1
POLE
×
×
π
≈
3
C
3
R
2
1
f
1
ZERO
×
×
π
≈
Where R3 and C3 are part of the compensation
network in Figure 3. A 6.8kΩ and 10nF
combination gives about 70
° of phase margin
and bandwidth of about 35KHz for most load
conditions.
Linear Regulator Compensation
The positive and negative regulators are
controlled by a transconductance amplifier and
a pass transistor. The DC gain of either LDO is
approximately 100dB with a slight dependency
on load current. The output capacitor (CLDO) and
resistance load (RLOAD) make-up the dominant
pole.
LDO
LOAD
1
LDOPOLE
C
R
2
1
f
×
×
π
=
The pass transistor’s internal pole is about
100Hz to 300Hz. To compensate for the two
pole system and add more phase and gain
margin, a capacitor network can be added in
parallel with the high-side resistor.
For the positive linear regulator:
7
C
8
R
9
R
2
1
f
1
POSPOLE
×
×
π
=
7
C
9
R
2
1
f
1
POSZERO
×
×
π
=
For the negative linear regulator:
9
C
5
R
7
R
2
1
f
1
NEGPOLE
×
×
π
=
9
C
7
R
2
1
f
1
NEGZERO
×
×
π
=
fPOSPOLE1 and fNEGPOLE1 are necessary to cancel
out the zero created by the equivalent series
resistance (RLDOESR) of the output capacitor.
LDO
LDOESR
LDOZERO
C
R
2
1
f
×
×
π
=
For the component values shown in Figure 3, a
330pF capacitor provides about 30
° of phase
margin and a bandwidth of approximately
90KHz on both regulators.
Layout Considerations
Careful PC board layout is important to
minimize ground bounce and noise. First, place
the main boost converter inductor, output diode
and output capacitor as close to the SW and
PGND pins as possible with wide traces. Then
place ceramic bypass capacitors near IN, IN2
and IN3 pins to the PGND pin. Keep the
charge-pump circuitry close to the IC with wide
traces. Place all FB resistive dividers close to
their respective FB pins. Separate GND and
PGND areas and connect them at one point as
close to the IC as possible. Avoid having
sensitive traces near the SW node and high
current lines. Refer to the MP1530 demo board
for an example of proper board layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com