Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1530DM Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1530DM
Description  Triple Output Step-Up Plus Linear Regulators for TFT Bias
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1530DM Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1530DM Datasheet HTML 7Page - Monolithic Power Systems MP1530DM Datasheet HTML 8Page - Monolithic Power Systems MP1530DM Datasheet HTML 9Page - Monolithic Power Systems MP1530DM Datasheet HTML 10Page - Monolithic Power Systems MP1530DM Datasheet HTML 11Page - Monolithic Power Systems MP1530DM Datasheet HTML 12Page - Monolithic Power Systems MP1530DM Datasheet HTML 13Page - Monolithic Power Systems MP1530DM Datasheet HTML 14Page - Monolithic Power Systems MP1530DM Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP1530 – TRIPLE OUTPUT STEP-UP PLUS LINEAR REGULATORS FOR TFT BIAS
MP1530 Rev. 1.4
www.MonolithicPower.com
11
5/19/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
Selecting the Rectifier Diodes
The
MP1530’s
high
switching
frequency
demands high-speed rectifiers. Schottky diodes
are
recommended
for
most
applications
because of their fast recovery time and low
forward voltage. Typically, a 1A Schottky diode
is recommended for the step-up converter.
100mA Schottky diodes such as Central
Semiconductor CMPSH-3 are recommended
for low current charge-pump circuits.
Selecting the Output Capacitor of the
Step-Up Converter
The output capacitor is required to maintain the
DC output voltage. Low ESR capacitors are
preferred to keep the output voltage ripple to a
minimum. The characteristics of the output
capacitor also affect the stability of the
regulation control system. A 10µF ceramic
capacitor works well in most applications. In the
case of ceramic capacitors, the impedance of
the capacitor at the switching frequency is
dominated by the capacitance, and so the
output voltage ripple is mostly independent of
the ESR. The output voltage ripple is estimated
to be:
SW
LOAD
MAIN
IN
RIPPLE
f
2
C
I
V
V
1
V
×
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
≅
Where VRIPPLE is the output ripple voltage, ILOAD
is the load current, and C2 is the capacitance of
the output capacitor of the step-up converter.
Selecting the Number of Charge-Pump
Stages
For highest efficiency, always choose the
lowest number of charge-pump stages that
meets the output requirement.
The number of positive charge-pump stages
NPOS is given by:
D
MAIN
MAIN
DROPOUT
GH
POS
V
2
V
V
V
V
N
−
−
−
=
Where VD is the forward voltage drop of the
charge-pump diode, and VDROPOUT is the
dropout margin for the linear regulator.
The number of negative charge-pump stages
NNEG is given by:
D
MAIN
DROPOUT
GL
NEG
V
2
V
V
V
N
−
+
−
=
Use VDROPOUT = 1V for positive charge-pump
and VDROPOUT = 0.3V for negative charge-pump.
Selecting the Flying Capacitor in Charge-
Pump Stages
Increasing the flying capacitor CX values
increases the output current capability. A 0.1µF
ceramic capacitor works well in most low
current applications. The flying capacitor’s
voltage rating must exceed the following:
MAIN
CX
V
N
V
×
>
Where N is the stage number in which the flying
capacitor appears.
Step-Up Converter Compensation
The MP1530 uses current mode control which
unlike voltage mode has only a single pole roll
off due to the output filter. The DC gain (AVDC) is
equated from the product of current control to
output gain (AVCSCONTROL), error amplifier gain
(AVEA), and the feedback divider.
1
FB
EA
CSCONTROL
DC
A
Av
A
Av
×
×
=
LOAD
IN
CSCONTROL
I
V
4
A
×
=
MAIN
1
FB
1
FB
V
V
A
=
MAIN
LOAD
1
FB
IN
DC
V
I
V
V
1600
Av
×
×
×
=
The output filter pole is given in hertz by:
2
C
V
I
f
MAIN
LOAD
FILTERPOLE
×
×
π
=
The output filter zero is given in hertz by:
2
C
R
2
1
f
ESR
FILTERZERO
×
×
π
=
Where RESR is the output capacitor’s equivalent
series resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com