Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1530DM Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1530DM
Description  Triple Output Step-Up Plus Linear Regulators for TFT Bias
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1530DM Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1530DM Datasheet HTML 7Page - Monolithic Power Systems MP1530DM Datasheet HTML 8Page - Monolithic Power Systems MP1530DM Datasheet HTML 9Page - Monolithic Power Systems MP1530DM Datasheet HTML 10Page - Monolithic Power Systems MP1530DM Datasheet HTML 11Page - Monolithic Power Systems MP1530DM Datasheet HTML 12Page - Monolithic Power Systems MP1530DM Datasheet HTML 13Page - Monolithic Power Systems MP1530DM Datasheet HTML 14Page - Monolithic Power Systems MP1530DM Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP1530 – TRIPLE OUTPUT STEP-UP PLUS LINEAR REGULATORS FOR TFT BIAS
MP1530 Rev. 1.4
www.MonolithicPower.com
13
5/19/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
MP1530
SW
FB1
IN
CT
PGND
GND
FB3
GH
IN3
REF
EN
COMP
IN2
GL
FB2
RDY
VGL
-8.5V
TO
SW
D4
C9
330pF
C3
10nF
C4
10nF
D1
1N5819
VIN
3.3V/5V
VMAIN
13V
VGH
27V
C7
330pF
D2
D3
OFF ON
Figure 3—Triple Output Boost Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com