Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1530DM Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1530DM
Description  Triple Output Step-Up Plus Linear Regulators for TFT Bias
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1530DM Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1530DM Datasheet HTML 1Page - Monolithic Power Systems MP1530DM Datasheet HTML 2Page - Monolithic Power Systems MP1530DM Datasheet HTML 3Page - Monolithic Power Systems MP1530DM Datasheet HTML 4Page - Monolithic Power Systems MP1530DM Datasheet HTML 5Page - Monolithic Power Systems MP1530DM Datasheet HTML 6Page - Monolithic Power Systems MP1530DM Datasheet HTML 7Page - Monolithic Power Systems MP1530DM Datasheet HTML 8Page - Monolithic Power Systems MP1530DM Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP1530 – TRIPLE OUTPUT STEP-UP PLUS LINEAR REGULATORS FOR TFT BIAS
MP1530 Rev. 1.4
www.MonolithicPower.com
4
5/19/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Circuit of Figure 3, VIN = 5V, VMAIN = 13V, IMAIN = 200mA, VGL = -8.5V, IGL = 10mA, VGH = 27V,
IGH = 10mA, TA = +25°C, unless otherwise noted.
VEN
5V/div.
VMAIN
5V/div.
VMAIN
5V/div.
VGL
10V/div.
VGH
10V/div.
VGL
10V/div.
VGH
10V/div.
10ms/div.
Power-On Sequence
VCT
1V/div.
10ms/div.
Power-On Sequence
27.05
27.03
27.01
26.99
26.97
26.95
26.93
26.91
26.89
26.87
26.85
010
20
30
40
50
IGH (mA)
Positive Linear Regulator
Load Regulation
-8.465
-8.475
-8.485
-8.495
-8.505
-8.515
-8.525
-8.535
-8.545
-8.555
-8.565
0
1020304050
IGL (mA)
Negative Linear Regulator
Load Regulation
13.005
13.000
12.995
12.990
12.985
12.980
12.975
12.970
12.965
1
10
100
1000
IMAIN (mA)
Step-Up Converter
Load Regulation
100
90
80
70
60
50
40
30
1
10
100
1000
LOAD CURRENT (mA)
Efficiency vs
Load Current
(Step-Up Converter Only)
VIN=3.3V
VMAIN=7.5V
VIN=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com