Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1530DM Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP1530DM
Description  Triple Output Step-Up Plus Linear Regulators for TFT Bias
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1530DM Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP1530DM Datasheet HTML 4Page - Monolithic Power Systems MP1530DM Datasheet HTML 5Page - Monolithic Power Systems MP1530DM Datasheet HTML 6Page - Monolithic Power Systems MP1530DM Datasheet HTML 7Page - Monolithic Power Systems MP1530DM Datasheet HTML 8Page - Monolithic Power Systems MP1530DM Datasheet HTML 9Page - Monolithic Power Systems MP1530DM Datasheet HTML 10Page - Monolithic Power Systems MP1530DM Datasheet HTML 11Page - Monolithic Power Systems MP1530DM Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MP1530 – TRIPLE OUTPUT STEP-UP PLUS LINEAR REGULATORS FOR TFT BIAS
MP1530 Rev. 1.4
www.MonolithicPower.com
8
5/19/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
OPERATION
The MP1530 is a step-up converter with two
integrated linear regulators to power TFT LCD
panels. Typically the linear regulators are
powered from charge-pumps driven from the
switch node (SW). The user can set the positive
charge-pump to be a doubler, tripler, or
quadrupler to achieve the required linear
regulator input voltage for the selected output
voltage. Typically the negative charge-pump is
configured as a 1x inverter.
Step-Up Converter
The step-up, fixed-frequency, 1.4MHz converter
employs a current-mode control architecture
that maximizes loop bandwidth to provide fast-
transient responses needed for TFT LCD
drivers. High switching frequency allows for
smaller inductors and capacitors minimizing
board space and thickness.
Linear Regulators
The positive linear regulator (GH) uses a
P-Channel pass element to drop the input
voltage down to the regulated output voltage.
The feedback of the positive linear regulator is
a
conventional
error
amplifier
with
the
regulation threshold at 1.25V.
The negative linear regulator (GL) uses a
N-Channel pass element to raise the negative
input voltage up to the regulated output voltage.
The feedback threshold for the negative linear
regulator is ground. The resistor string goes
from REF (1.25V) to FB2 and from FB2 to GL to
set the negative output voltage.
The difference between the voltage at IN3 and
the voltage at IN2 is limited to 60V abs. max.
Fault Sensing and Timer
Each of the 3 outputs has an internal
comparator that monitors its respective output
voltage by measuring the voltage at its
respective FB input. When any FB input
indicates that the output voltage is below
approximately 80% of the correct regulation
voltage, the fault timer enables and the RDY
pin goes high.
The fault timer uses the same CT capacitor as
the soft-start sequencer. If any fault persists to
the end of the fault timer (One CT cycle is 6ms
for a 10nF capacitor), all outputs are disabled.
Once the outputs are shut down due to the fault
timer, the MP1530 must be re-enabled by either
cycling EN or by cycling the input power.
If the fault persists for less than the fault timer
period, RDY will be pulled low and the part will
function as though no fault has occurred.
Power-On Sequencing and Soft-Start
The MP1530 automatically sequences its
outputs at startup. When EN goes from low to
high, or if EN is held high and the input voltage
IN rises above the under-voltage lockout
threshold, the outputs turn on in the following
sequence:
1. Step-up Converter
2. Negative Linear Regulator (GL)
3. Positive Linear Regulator (GH)
Each output turns on with a soft-start voltage
ramp. The soft-start ramp period is set by the
timing capacitor connected between CT and
GND. A 10nF capacitor at CT sets the soft-start
ramp period to 6ms. The timing diagram is
shown in Figure 2.
After the MP1530 is enabled, the power-on
reset spans three periods of the CT ramp. First
the step-up converter is powered up with
reference to the CT ramp and allowed one
period of the CT ramp to settle. Next the
negative linear regulator (GL) is soft-started by
ramping REF, which coincides with the CT
ramp, and also allowed one CT ramp period to
settle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com