Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1530DM Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1530DM
Description  Triple Output Step-Up Plus Linear Regulators for TFT Bias
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1530DM Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1530DM Datasheet HTML 1Page - Monolithic Power Systems MP1530DM Datasheet HTML 2Page - Monolithic Power Systems MP1530DM Datasheet HTML 3Page - Monolithic Power Systems MP1530DM Datasheet HTML 4Page - Monolithic Power Systems MP1530DM Datasheet HTML 5Page - Monolithic Power Systems MP1530DM Datasheet HTML 6Page - Monolithic Power Systems MP1530DM Datasheet HTML 7Page - Monolithic Power Systems MP1530DM Datasheet HTML 8Page - Monolithic Power Systems MP1530DM Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP1530 – TRIPLE OUTPUT STEP-UP PLUS LINEAR REGULATORS FOR TFT BIAS
MP1530 Rev. 1.4
www.MonolithicPower.com
5
5/19/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Circuit of Figure 3, VIN = 5V, VMAIN = 13V, IMAIN = 200mA, VGL = -8.5V, IGL = 10mA, VGH = 27V,
IGH = 10mA, TA = +25°C, unless otherwise noted.
1.50
1.47
1.44
1.41
1.38
1.35
1.32
1.29
1.26
-50
0
50
100
150
TEMPERATURE (
°C)
Oscillator Frequency vs
Temperature
1.256
1.254
1.252
1.250
1.248
1.246
1.244
1.242
1.240
1.238
-50
0
50
100
150
TEMPERATURE (
°C)
Reference Voltage vs
Temperature
VSW
5V/div.
IINDUCTOR
0.5A/div.
400ns/div.
Normal Operation
IMAIN
200mA/div.
VMAIN AC
100mV/div.
Load Transient on
VMAIN
IMAIN = 20mA - 200mA Step
VCT
1V/div.
VMAIN
5V/div.
VGL
10V/div.
VGH
20V/div.
2ms/div.
Fault Timer
VMAIN Shorted to VIN
VMAIN AC
50mV/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com