Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1530DM Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1530DM
Description  Triple Output Step-Up Plus Linear Regulators for TFT Bias
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1530DM Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1530DM Datasheet HTML 6Page - Monolithic Power Systems MP1530DM Datasheet HTML 7Page - Monolithic Power Systems MP1530DM Datasheet HTML 8Page - Monolithic Power Systems MP1530DM Datasheet HTML 9Page - Monolithic Power Systems MP1530DM Datasheet HTML 10Page - Monolithic Power Systems MP1530DM Datasheet HTML 11Page - Monolithic Power Systems MP1530DM Datasheet HTML 12Page - Monolithic Power Systems MP1530DM Datasheet HTML 13Page - Monolithic Power Systems MP1530DM Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP1530 – TRIPLE OUTPUT STEP-UP PLUS LINEAR REGULATORS FOR TFT BIAS
MP1530 Rev. 1.4
www.MonolithicPower.com
10
5/19/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltages
Set the output voltage on each output by
selecting the resistive voltage divider ratio. The
voltage divider drops the output voltage to the
feedback threshold voltage. Use 10kΩ to 50kΩ
for the low-side resistor RL of the voltage
divider.
For the step-up converter, determine the high-
side resistor RH by the equation:
⎟⎟
⎜⎜
=
L
1
FB
1
FB
MAIN
H
R
V
V
V
R
Where VMAIN is the output voltage of the step-up
converter.
For the positive charge-pump, determine the
high-side resistor RH by the equation:
⎟⎟
⎜⎜
=
L
3
FB
3
FB
GH
H
R
V
V
V
R
For the negative charge-pump, determine the
high-side resistor RH by the equation:
⎟⎟
⎜⎜
=
L
REF
GL
H
R
V
V
R
Selecting the Inductor
The inductor is required to force the higher
output voltage while being driven by the input
voltage. A larger value inductor results in less
ripple current that results in lower peak inductor
current,
reducing
stress
on
the
internal
N-Channel.switch. However, the larger value
inductor has a larger physical size, higher
series resistance, and/or lower saturation
current.
A 4.7µH inductor is recommended for most
applications. A good rule of thumb is to allow
the
peak-to-peak
ripple
current
to
be
approximately 30-50% of the maximum input
current. Make sure that the peak inductor
current is below 75% of the current limit to
prevent loss of regulation due to the current
limit. Also make sure that the inductor does not
saturate under the worst-case load transient
and startup conditions.
Calculate the required inductance value by the
equation:
I
f
V
)
V
-
(V
V
L
SW
OUT
IN
OUT
IN
×
×
=
×
η
×
×
=
IN
)
MAX
(
LOAD
OUT
)
MAX
(
IN
V
I
V
I
(
)
)
MAX
(
IN
I
%
50
%
30
I
=
Where ILOAD(MAX) is the maximum load current, ∆I
is the peak-to-peak inductor ripple current, and η
is efficiency.
Selecting the Input Capacitor
An input capacitor is required to supply the AC
ripple current to the inductor, while limiting
noise at the input source. A low ESR capacitor
is required to keep the noise at the IC to a
minimum. Since it absorbs the input switching
current it requires an adequate ripple current
rating. Use a capacitor with RMS current rating
greater than the inductor ripple current (see
Selecting
The
Inductor
to determine the
inductor ripple current). One 10µF ceramic
capacitor is used in the application circuit of
Figure 3 because of the high source impedance
seen in typical lab setups. Actual applications
usually have much lower source impedance
since the step-up converter typically runs
directly from the output of another regulated
supply. Typically, the input capacitance can be
reduced below the value used in the typical
application circuit.
To insure stable operation place the input
capacitor as close to the IC as possible.
Alternately a smaller high quality 0.1µF ceramic
capacitor may be placed closer to the IC if the
larger capacitor is placed further away.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com