Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA7016 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA7016
Description  1.3GHz low voltage fractional-N synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA7016 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA7016 Datasheet HTML 1Page - NXP Semiconductors SA7016 Datasheet HTML 2Page - NXP Semiconductors SA7016 Datasheet HTML 3Page - NXP Semiconductors SA7016 Datasheet HTML 4Page - NXP Semiconductors SA7016 Datasheet HTML 5Page - NXP Semiconductors SA7016 Datasheet HTML 6Page - NXP Semiconductors SA7016 Datasheet HTML 7Page - NXP Semiconductors SA7016 Datasheet HTML 8Page - NXP Semiconductors SA7016 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Philips Semiconductors
Product specification
SA7016
1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
5
CHARACTERISTICS
VDDCP = VDD = +3.0V, Tamb = +25°C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply; pins 3, 9
VDD
Digital supply voltage
2.7
–
5.5
V
VDDCP
Analog supply voltage
VDDCP = VDD
2.7
–
5.5
V
IDDTotal
Synthesizer operational total supply current
VDD = +3.0V
–
6.2
7.3
mA
IStandby
Total supply current in power-down mode
logic levels 0 or VDD
–
1
TBD
µA
RFin main divider input; pins 5, 6
fVCO
VCO input frequency
350
–
1300
MHz
VRFin(rms)
AC-coupled input signal level
Rin (external) = Rs = 50Ω;
single-ended drive;
max. limit is indicative
@ 500 to 1300 MHz
–18
–
0
dBm
ZIRFin
Input impedance (real part)
fVCO = 1.2 GHz
–
625
–
Ω
CIRFin
Typical pin input capacitance
fVCO = 1.2 GHz
–
1.0
–
pF
Nmain
Main divider ratio
512
–
65535
fPCmax
Maximum loop comparison frequency
indicative, not tested
–
–
4
MHz
Reference divider input; pins 11, 12
fREFin
Input frequency range from TCXO
5
–
40
MHz
VRFin
AC-coupled input signal level
single-ended drive;
max. limit is indicative
360
–
1300
mVPP
ZREFin
Input impedance (real part)
fREF = 20 MHz
–
10
–
k
Ω
CREFin
Typical pin input capacitance
fREF = 20 MHz
–
1.0
–
pF
RREF
Reference division ratio
4
–
1023
Charge pump current setting resistor input; pin 10
RSET
External resistor from pin to ground
6
7.5
15
k
Ω
VSET
Regulated voltage at pin
RSET=7.5 kΩ
–
1.25
–
V
Charge pump outputs (including fractional compensation pump); pin 8; RSET =7.5kΩ, FC=80
ICP
Charge pump current ratio to ISET1
Current gain IPH/ISET
–15
+15
%
IMATCH
Sink-to-source current matching
VPH=1/2 VDDCP.
–10
+10
%
IZOUT
Output current variation versus VPH2
VPH in compliance range
–10
+10
%
ILPH
Charge pump off leakage current
VPH=1/2 VCC
–10
+10
nA
VPH
Charge pump voltage compliance
0.7
–
VDDCP–0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com