Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA7016 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA7016
Description  1.3GHz low voltage fractional-N synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA7016 Datasheet(HTML) 1 Page - NXP Semiconductors

  SA7016 Datasheet HTML 1Page - NXP Semiconductors SA7016 Datasheet HTML 2Page - NXP Semiconductors SA7016 Datasheet HTML 3Page - NXP Semiconductors SA7016 Datasheet HTML 4Page - NXP Semiconductors SA7016 Datasheet HTML 5Page - NXP Semiconductors SA7016 Datasheet HTML 6Page - NXP Semiconductors SA7016 Datasheet HTML 7Page - NXP Semiconductors SA7016 Datasheet HTML 8Page - NXP Semiconductors SA7016 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Philips
Semiconductors
SA7016
1.3GHz low voltage fractional-N
synthesizer
Product specification
Supersedes data of 1999 Apr 20
1999 Nov 04
INTEGRATED CIRCUITS


Similar Part No. - SA7016

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA701 PHILIPS-SA701 Datasheet
82Kb / 7P
Divide by: 128/129-64/65 dual modulus low power ECL prescaler
June 17, 1993
logo
Polyfet RF Devices
SA701 POLYFET-SA701 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
NXP Semiconductors
SA701D PHILIPS-SA701D Datasheet
82Kb / 7P
Divide by: 128/129-64/65 dual modulus low power ECL prescaler
June 17, 1993
SA701N PHILIPS-SA701N Datasheet
82Kb / 7P
Divide by: 128/129-64/65 dual modulus low power ECL prescaler
June 17, 1993
logo
Polyfet RF Devices
SA701 POLYFET-SA701_14 Datasheet
60Kb / 2P
RF POWER VDMOS TRANSISTOR
More results

Similar Description - SA7016

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA7025 PHILIPS-SA7025 Datasheet
304Kb / 22P
Low-voltage 1GHz fractional-N synthesizer
1996 Aug 6
SA7026 PHILIPS-SA7026 Datasheet
299Kb / 18P
1.3GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8016 PHILIPS-SA8016 Datasheet
252Kb / 20P
2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
SA8025A PHILIPS-SA8025A Datasheet
456Kb / 23P
Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA8026 PHILIPS-SA8026 Datasheet
289Kb / 18P
2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
7/03-Revision 0
logo
Texas Instruments
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
Fractional-N Frequency Synthesizer
12/2016-Rev. F to Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com