Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA7016 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA7016
Description  1.3GHz low voltage fractional-N synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA7016 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA7016 Datasheet HTML 7Page - NXP Semiconductors SA7016 Datasheet HTML 8Page - NXP Semiconductors SA7016 Datasheet HTML 9Page - NXP Semiconductors SA7016 Datasheet HTML 10Page - NXP Semiconductors SA7016 Datasheet HTML 11Page - NXP Semiconductors SA7016 Datasheet HTML 12Page - NXP Semiconductors SA7016 Datasheet HTML 13Page - NXP Semiconductors SA7016 Datasheet HTML 14Page - NXP Semiconductors SA7016 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Philips Semiconductors
Product specification
SA7016
1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
11
Serial programming bus
The serial input is a 3-wire input (CLOCK, STROBE, DATA) to
program all counter divide ratios, fractional compensation DAC,
selection and enable bits. The programming data is structured into
24 bit words; each word includes 2 or 3 address bits. Figure 8
shows the timing diagram of the serial input. When the STROBE
goes active HIGH, the clock is disabled and the data in the shift
register remains unchanged. Depending on the address bits, the
data is latched into different working registers or temporary
registers. In order to fully program the synthesizer, 3 words must be
sent: C, B, and A. Table 1 shows the format and the contents of
each word. The D word is normally used for testing purposes. When
sending the B-word, data bits FC7–0 for the fractional compensation
DAC are not loaded immediately. Instead they are stored in
temporary registers. Only when the A-word is loaded, these
temporary registers are loaded together with the main divider ratio.
Serial bus timing characteristics. See Figure 8.
VDD = VDDCP =+3.0V; Tamb = +25°C unless otherwise specified.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Serial programming clock; CLK
tr
Input rise time
–
10
40
ns
tf
Input fall time
–
10
40
ns
Tcy
Clock period
100
–
–
ns
Enable programming; STROBE
tSTART
Delay to rising clock edge
40
–
–
ns
tW
Minimum inactive pulse width
1/fCOMP
–
–
ns
tSU;E
Enable set-up time to next clock edge
20
–
–
ns
Register serial input data; DATA
tSU;DAT
Input data to clock set-up time
20
–
–
ns
tHD;DAT
Input data to clock hold time
20
–
–
ns
Application information
SR01417
CLK
DATA
STROBE
ADDRESS
LSB
tSU;DAT
tHD;DAT
tr
tw
tf
tSU;E
tSTART
Tcy
MSB
Figure 8.
Serial Bus Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com