Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA7016 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA7016
Description  1.3GHz low voltage fractional-N synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA7016 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA7016 Datasheet HTML 3Page - NXP Semiconductors SA7016 Datasheet HTML 4Page - NXP Semiconductors SA7016 Datasheet HTML 5Page - NXP Semiconductors SA7016 Datasheet HTML 6Page - NXP Semiconductors SA7016 Datasheet HTML 7Page - NXP Semiconductors SA7016 Datasheet HTML 8Page - NXP Semiconductors SA7016 Datasheet HTML 9Page - NXP Semiconductors SA7016 Datasheet HTML 10Page - NXP Semiconductors SA7016 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Philips Semiconductors
Product specification
SA7016
1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
7
FUNCTIONAL DESCRIPTION
Main Fractional-N divider
The RFin inputs drive a pre-amplifier to provide the clock to the first
divider stage. For single ended operation, the signal should be fed to
one of the inputs while the other one is AC grounded. The
pre-amplifier has a high input impedance, dominated by pin and pad
capacitance. The circuit operates with signal levels from –18 dBm to
0 dBm, and at frequencies as high as 1.3 GHz. The divider consists
of a fully programmable bipolar prescaler followed by a CMOS
counter. Total divide ratios range from 512 to 65536.
At the completion of a main divider cycle, a main divider output
pulse is generated which will drive the main phase comparator. Also,
the fractional accumulator is incremented by the value of NF. The
accumulator works with modulo Q set by FMOD. When the
accumulator overflows, the overall division ratio N will be increased
by 1 to N + 1, the average division ratio over Q main divider cycles
(either 5 or 8) will be
Nfrac
+ N )
NF
Q
The output of the main divider will be modulated with a fractional
phase ripple. The phase ripple is proportional to the contents of the
fractional accumulator and is nulled by the fractional compensation
charge pump.
The reloading of a new main divider ratio is synchronized to the
state of the main divider to avoid introducing a phase disturbance.
Reference divider
The reference divider consists of a divider with programmable
values between 4 and 1023 followed by a three bit binary counter.
The 3 bit SM (SA) register (see Figure 4) determines which of the 5
output pulses are selected as the main (auxiliary) phase detector
input.
Phase detector (see Figure 5)
The reference and main (aux) divider outputs are connected to a
phase/frequency detector that controls the charge pump. The pump
current is set by an external resistor in conjunction with control bits
CP0 and CP1 in the C-word (see Charge Pump table). The dead
zone (caused by finite time taken to switch the current sources on or
off) is cancelled by forcing the pumps ON for a minimum time at
every cycle (backlash time) providing improved linearity.
SR01415
DIVIDE BY R
/2
/2
/2
/2
REFERENCE
INPUT
SM=”000”
SM=”001”
SM=”010”
SM=”011”
SM=”100”
SA=”100”
SA=”011”
SA=”010”
SA=”001”
SA=”000”
TO
MAIN
PHASE
DETECTOR
TO
AUXILIARY
PHASE
DETECTOR
Figure 4.
Reference Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com