Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA7016 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA7016
Description  1.3GHz low voltage fractional-N synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA7016 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA7016 Datasheet HTML 1Page - NXP Semiconductors SA7016 Datasheet HTML 2Page - NXP Semiconductors SA7016 Datasheet HTML 3Page - NXP Semiconductors SA7016 Datasheet HTML 4Page - NXP Semiconductors SA7016 Datasheet HTML 5Page - NXP Semiconductors SA7016 Datasheet HTML 6Page - NXP Semiconductors SA7016 Datasheet HTML 7Page - NXP Semiconductors SA7016 Datasheet HTML 8Page - NXP Semiconductors SA7016 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Philips Semiconductors
Product specification
SA7016
1.3GHz low voltage fractional-N synthesizer
2
1999 Nov 04
853–2160 22634
GENERAL DESCRIPTION
The SA7016 BICMOS device integrates programmable dividers,
charge pumps and a phase comparator to implement a
phase-locked loop. The device is designed to operate from 3 NiCd
cells, in pocket phones, with low current and nominal 3 V supplies.
The synthesizer operates at VCO input frequencies up to 1.3 GHz.
The synthesizer has fully programmable main and reference
dividers. All divider ratios are supplied via a 3-wire serial
programming bus.
Separate power and ground pins are provided to the analog and
digital circuits. The ground leads should be externally short-circuited
to prevent large currents flowing across the die and thus causing
damage. VDDCP must be greater than or equal to VDD.
The charge pump current (gain) is set by an external resistance at
the RSET pin. Only passive loop filters could be used; the charge
pump operates within a wide voltage compliance range to provide a
wider tuning range.
FEATURES
• Low phase noise
• Low power
• Fully programmable main divider
• Internal fractional spurious compensation
• Hardware and software power down
• Split supply for V
DD and VDDCP
SR01505
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
LOCK
TEST
VDD
GND
RFin+
RFin–
GNDCP
PHP
PON
STROBE
DATA
CLOCK
REFin+
REFin–
RSET
VDDCP
Figure 1.
Pin Configuration
APPLICATIONS
• 350–1300 MHz wireless equipment
• Cellular phones
• Portable battery-powered radio equipment.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
Supply voltage
2.7
–
5.5
V
VDDCP
Analog supply voltage
VDDCP ≥ VDD
2.7
–
5.5
V
IDDCP+IDD
Total supply current
–
6.2
7.3
mA
IDDCP+IDD
Total supply current in power-down mode
–
1
–
µA
fVCO
Input frequency
350
–
1300
MHz
fREF
Crystal reference input frequency
5
–
40
MHz
fPC
Maximum phase comparator frequency
–
4
MHz
Tamb
Operating ambient temperature
–40
–
+85
°C
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
TYPE NUMBER
NAME
DESCRIPTION
VERSION
SA7016DH
TSSOP16
Plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403–1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com