Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA7016 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA7016
Description  1.3GHz low voltage fractional-N synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA7016 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA7016 Datasheet HTML 6Page - NXP Semiconductors SA7016 Datasheet HTML 7Page - NXP Semiconductors SA7016 Datasheet HTML 8Page - NXP Semiconductors SA7016 Datasheet HTML 9Page - NXP Semiconductors SA7016 Datasheet HTML 10Page - NXP Semiconductors SA7016 Datasheet HTML 11Page - NXP Semiconductors SA7016 Datasheet HTML 12Page - NXP Semiconductors SA7016 Datasheet HTML 13Page - NXP Semiconductors SA7016 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Philips Semiconductors
Product specification
SA7016
1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
10
Charge pump currents
CP0
IPHP
IPHP–SU
0
3xISET
15xlSET
1
1xlSET
5xlSET
NOTES:
1. ISET=VSET/RSET: bias current for charge pumps.
2. IPHP–SU is the total current at pin PHP during speed up condition.
Lock Detect
The output LOCK maintains a logic ‘1’ when the auxiliary phase
detector ANDed with the main phase detector indicates a lock
condition. The lock condition for the main and auxiliary synthesizers
is defined as a phase difference of less than
"1 period of the
frequency at the input REFin+, –. One counter can fulfill the lock
condition when the other counter is powered down. Out of lock (logic
‘0’) is indicated when both counters are powered down.
Power-down mode
The power-down signal can be either hardware (PON) or software
(PD). The PON signal is exclusively ORed with the PD bits in
B-word. If PON = 0, then the part is powered up when PD = 1. PON
can be used to invert the polarity of the software bit PD. When the
synthesizer is reactivated after power-down, the main and reference
dividers are synchronized to avoid possibility of random phase
errors on power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com