Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA7016 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SA7016
Description  1.3GHz low voltage fractional-N synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA7016 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SA7016 Datasheet HTML 10Page - NXP Semiconductors SA7016 Datasheet HTML 11Page - NXP Semiconductors SA7016 Datasheet HTML 12Page - NXP Semiconductors SA7016 Datasheet HTML 13Page - NXP Semiconductors SA7016 Datasheet HTML 14Page - NXP Semiconductors SA7016 Datasheet HTML 15Page - NXP Semiconductors SA7016 Datasheet HTML 16Page - NXP Semiconductors SA7016 Datasheet HTML 17Page - NXP Semiconductors SA7016 Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Philips Semiconductors
Product specification
SA7016
1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
14
ISET = 165.33 mA
ISET = 206.67 mA
SR01917
ISET = 206.67 mA
ISET = 165.33 mA
ISET = 103.33 mA
ISET = 51.67 mA
ISET = 51.67 mA
ISET = 103.33 mA
1500
1000
500
0
–500
–1000
–1500
0
0.25
0.5 0.75
1
1.5
1.25
1.75
2
2.25
2.5 2.75
3
COMPLIANCE VOLTAGE (V)
Figure 15.
Php–su Charge Pump Output vs. ISET
(CP = 1; TEMP = 25
_C)
SR01918
–1000
1000
800
600
400
200
0
–200
–400
–600
–800
0 0.25 0.5 0.75 1 1.25 1.5 1.75
2 2.25 2.5 2.75 3
3.25 3.5
COMPLIANCE VOLTAGE (V)
TEMP = 85
_C
TEMP = 25
_C
TEMP = –40
_C
Figure 16.
Php–su Charge Pump Output vs. Temperature
(CP = 1; VDD = 3.0 V; ISET = 165.33 mA)
SR01929
–40
VDD = 5.50 V
VDD = 3.75 V
VDD = 3.00 V
VDD = 2.70 V
–35
–30
–25
–20
–15
–10
–5
0
0
200
400
600
800
1000
1200
1400
1600
FREQUENCY (MHz)
–45
–50
–55
–60
1800
2000
Figure 17.
Main Divider Input Sensitivity vs. Frequency and
Supply Voltage (TEMP = 25
_C)
SR01930
–45
+85
_C
+25
_C
–40
_C
–40
–35
–30
–25
–20
–15
–10
0
–5
0
200
400
600
800
1000
1200
1400
1600
1800
FREQUENCY (MHz)
–50
2000
Figure 18.
Main Divider Input Sensitivity vs. Frequency and
Temperature (VDD = 3.00 V)
SR01921
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
FREQUENCY (MHz)
VDD = 5.00 V
VDD = 3.75 V
VDD = 3.00 V
VDD = 2.70 V
Figure 19.
Reference Divider Input Sensitivity vs. Frequency
and Supply Voltage (TEMP = 25
_C)
SR01922
–55
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
FREQUENCY (MHz)
TEMP = +85
_C
TEMP = +25
_C
TEMP = –40
_C
Figure 20.
Reference Divider Input Sensitivity vs. Frequency
and Temperature (VDD = 3.00 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com