Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA7016 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA7016
Description  1.3GHz low voltage fractional-N synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA7016 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA7016 Datasheet HTML 2Page - NXP Semiconductors SA7016 Datasheet HTML 3Page - NXP Semiconductors SA7016 Datasheet HTML 4Page - NXP Semiconductors SA7016 Datasheet HTML 5Page - NXP Semiconductors SA7016 Datasheet HTML 6Page - NXP Semiconductors SA7016 Datasheet HTML 7Page - NXP Semiconductors SA7016 Datasheet HTML 8Page - NXP Semiconductors SA7016 Datasheet HTML 9Page - NXP Semiconductors SA7016 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Philips Semiconductors
Product specification
SA7016
1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
6
SYMBOL
UNIT
MAX.
TYP.
MIN.
CONDITIONS
PARAMETER
Phase noise (RSET = 7.5 kΩ, CP=00)
L
Synthesizer’s contribution to close-in phase noise
of 900 MHz RF signal at 1 kHz offset.
GSM
fREF = 13MHz, TCXO,
fCOMP = 1MHz
indicative, not tested
–
–90
–
dBc/Hz
L
(f)
Synthesizer’s contribution to close-in phase noise
of 800 MHz RF signal at 1 kHz offset.
TDMA
fREF = 19.44MHz, TCXO,
fCOMP = 240kHz
indicative, not tested
–
–85
–
dBc/Hz
Interface logic input signal levels; pins 13, 14, 15, 16
VIH
HIGH level input voltage
0.7*VDD
–
VDD+0.3
V
VIL
LOW level input voltage
–0.3
–
0.3*VDD
V
ILEAK
Input leakage current
logic 1 or logic 0
–0.5
–
+0.5
µA
Lock detect output signal (in push/pull mode); pin 1
VOL
LOW level output voltage
Isink=2mA
–
–
0.4
V
VOH
HIGH level output voltage
Isource=–2mA
VDD–0.4
–
–
V
NOTES:
1. ISET =
V
SET
R
SET
bias current for charge pumps.
2. The relative output current variation is defined as:
DI
OUT
I
OUT
+ 2.
(I
2–I1)
I(I
2 ) I1)I
; with V
1 + 0.7V, V2 + VDDCP –0.8V (See Figure 3.)
I2
I1
I2
I1
V1
V2
CURRENT
VPH
SR00602
IZOUT
Figure 3.
Relative Output Current Variation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com