Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-10-R Datasheet(PDF) 3 Page - Luminus, Inc

Part # SST-10-R
Description  Red LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R Datasheet(HTML) 3 Page - Luminus, Inc

  SST-10-R Datasheet HTML 1Page - Luminus, Inc SST-10-R Datasheet HTML 2Page - Luminus, Inc SST-10-R Datasheet HTML 3Page - Luminus, Inc SST-10-R Datasheet HTML 4Page - Luminus, Inc SST-10-R Datasheet HTML 5Page - Luminus, Inc SST-10-R Datasheet HTML 6Page - Luminus, Inc SST-10-R Datasheet HTML 7Page - Luminus, Inc SST-10-R Datasheet HTML 8Page - Luminus, Inc SST-10-R Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
PDS-002895 Rev 04
© 2023 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SST-10-Red
Product Datasheet
Binning Structure1,2
Color
Flux Bin (FF)
Minimum Flux (mW)
Maximum Flux (mW)
Red
G
270
310
H
310
350
J
350
390
K
390
430
Flux Bins
Color
Wavelength Bin (WWW)
Minimum Wavelength (nm)
Maximum Wavelength (nm)
Red
615
615
620
620
620
625
625
625
630
Dominant Wavelength Bins
Note 1: Test condition at drive current 350 mA, 20 ms single pulse at 25°C.
Note 2: Luminus maintains a +/- 6% tolerance on flux measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com