Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-10-R Datasheet(PDF) 4 Page - Luminus, Inc

Part # SST-10-R
Description  Red LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R Datasheet(HTML) 4 Page - Luminus, Inc

  SST-10-R Datasheet HTML 1Page - Luminus, Inc SST-10-R Datasheet HTML 2Page - Luminus, Inc SST-10-R Datasheet HTML 3Page - Luminus, Inc SST-10-R Datasheet HTML 4Page - Luminus, Inc SST-10-R Datasheet HTML 5Page - Luminus, Inc SST-10-R Datasheet HTML 6Page - Luminus, Inc SST-10-R Datasheet HTML 7Page - Luminus, Inc SST-10-R Datasheet HTML 8Page - Luminus, Inc SST-10-R Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
(Part #) Product Datasheet
4
PDS-002895 Rev 04
© 2023 Luminus Devices, Inc. - All Rights Reserved
Note 1: Ratings are based on operation at a constant junction temperature of T
j = 25°C. Test conditions: 350 mA, 20 ms pulse at 25°C.
Note 2: Maximum operating case temperature combined with maximum drive current defines the total maximum operating condition for the device.
To prevent damage, please follow derating curves for all operating conditions.
Parameter
Symbol
Rating
Unit
Forward Current2
I
1.5
A
Power Dissipation
P
d
5.0
W
Reverse Voltage
V
r
5
V
Storage Temperature
T
sTG
min
-40
°C
T
sTG
max
100
Junction Temperature2
T
J
115
°C
ESD Sensitivity (HBM)
V
b
6000
V
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SST-10-Red
Product Datasheet
Absolute Maximum Ratings1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com