Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-10-R Datasheet(PDF) 9 Page - Luminus, Inc

Part # SST-10-R
Description  Red LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R Datasheet(HTML) 9 Page - Luminus, Inc

Back Button SST-10-R Datasheet HTML 5Page - Luminus, Inc SST-10-R Datasheet HTML 6Page - Luminus, Inc SST-10-R Datasheet HTML 7Page - Luminus, Inc SST-10-R Datasheet HTML 8Page - Luminus, Inc SST-10-R Datasheet HTML 9Page - Luminus, Inc SST-10-R Datasheet HTML 10Page - Luminus, Inc SST-10-R Datasheet HTML 11Page - Luminus, Inc SST-10-R Datasheet HTML 12Page - Luminus, Inc SST-10-R Datasheet HTML 13Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
PDS-002895 Rev 04
© 2023 Luminus Devices, Inc. - All Rights Reserved
Mechanical Dimensions - B130 Package
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SST-10-Red
Product Datasheet
3.45
3.45
CENTER OF DIE EMITTING AREA
ANODE
R1.30
0.68
1.98
2.70
2.70
0.38
0.38
1.00
0.50
0.50
ANODE
CATHODE
THERMAL PAD
FRONT VIEW
SIDE VIEW
BACK VIEW
REVISIONS
ECO
REV.
DESCRIPTION
DATE
APPROVED
01
RELEASE TO PRODUCTION
9/28/2018
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
X = 0.5mm
.X = 0.127mm
.XX = 0.050mm
.XXX = 0.010mm
25/1
DRAWING, OUTLINE,002775,SST-10-R-B130
X.XIE
1145 SONORA COURT
SUNNYVALE, CA 94086
408-708-7000
DESCRIPTION:
01
SURFACES
0.8 MICRONS
UNLESS OTHERWISE SPECIFIED
TOLERANCES ARE
MILLIMETERS [INCHES]
This document and its contents
are confidential information of
Luminus Devices, Inc.
Copyright 2005 Luminus Device,Inc.
All rights reserved.
B SCALE:
ENGINEER:
NUMBER:
DRAFTER:
SIZE:
REV:
1 OF 2
DIMENSIONS ARE IN (UNLESS OTHERWISE SPECIFIED):
SHEET:
DWG-002775
ANGLES 0.5
PROPRIETARY AND
CONFIDENTIAL
2.70
2.70
0.35
0.50
2.70
0.25
0.55
0.40
0.50
0.90
2.70
1.70
Recommended PCB Solder Pad
Recommended Stencil Pattern
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
25:1
DRAWING, OUTLINE,002775,SST-10-R-B130
X.XIE
DESCRIPTION:
01
ALL MEASUREMENTS AER 0.13mm
UNLESS OTHERWISE SPECIFIED
TOLERANCES ARE
MILLIMETERS [INCHES]
This document and its contents
are confidential information of
Luminus Devices, Inc.
Copyright 2005 Luminus Device,Inc.
All rights reserved.
B SCALE:
ENGINEER:
NUMBER:
DRAFTER:
SIZE:
REV:
DIMENSIONS ARE IN (UNLESS OTHERWISE SPECIFIED):
SHEET:
PROPRIETARY AND
CONFIDENTIAL
DWG-002775
2 OF 2
3.45
3.45
CENTER OF DIE EMITTING AREA
ANODE
R1.30
0.68
1.98
2.70
2.70
0.38
0.38
1.00
0.50
0.50
ANODE
CATHODE
THERMAL PAD
FRONT VIEW
SIDE VIEW
BACK VIEW
REVISIONS
ECO
REV.
DESCRIPTION
DATE
APPROVED
01
RELEASE TO PRODUCTION
9/28/2018
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
X = 0.5mm
.X = 0.127mm
.XX = 0.050mm
.XXX = 0.010mm
25/1
DRAWING, OUTLINE,002775,SST-10-R-B130
X.XIE
1145 SONORA COURT
SUNNYVALE, CA 94086
408-708-7000
DESCRIPTION:
01
SURFACES
0.8 MICRONS
UNLESS OTHERWISE SPECIFIED
TOLERANCES ARE
MILLIMETERS [INCHES]
This document and its contents
are confidential information of
Luminus Devices, Inc.
Copyright 2005 Luminus Device,Inc.
All rights reserved.
B SCALE:
ENGINEER:
NUMBER:
DRAFTER:
SIZE:
REV:
1 OF 2
DIMENSIONS ARE IN (UNLESS OTHERWISE SPECIFIED):
SHEET:
DWG-002775
ANGLES 0.5
PROPRIETARY AND
CONFIDENTIAL
2.70
2.70
0.35
0.50
2.70
0.25
0.55
0.40
0.50
0.90
2.70
1.70
Recommended PCB Solder Pad
Recommended Stencil Pattern
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
25:1
DRAWING, OUTLINE,002775,SST-10-R-B130
X.XIE
DESCRIPTION:
01
ALL MEASUREMENTS AER 0.13mm
UNLESS OTHERWISE SPECIFIED
TOLERANCES ARE
MILLIMETERS [INCHES]
This document and its contents
are confidential information of
Luminus Devices, Inc.
Copyright 2005 Luminus Device,Inc.
All rights reserved.
B SCALE:
ENGINEER:
NUMBER:
DRAFTER:
SIZE:
REV:
DIMENSIONS ARE IN (UNLESS OTHERWISE SPECIFIED):
SHEET:
PROPRIETARY AND
CONFIDENTIAL
DWG-002775
2 OF 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com