Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-10-R Datasheet(PDF) 6 Page - Luminus, Inc

Part # SST-10-R
Description  Red LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R Datasheet(HTML) 6 Page - Luminus, Inc

Back Button SST-10-R Datasheet HTML 2Page - Luminus, Inc SST-10-R Datasheet HTML 3Page - Luminus, Inc SST-10-R Datasheet HTML 4Page - Luminus, Inc SST-10-R Datasheet HTML 5Page - Luminus, Inc SST-10-R Datasheet HTML 6Page - Luminus, Inc SST-10-R Datasheet HTML 7Page - Luminus, Inc SST-10-R Datasheet HTML 8Page - Luminus, Inc SST-10-R Datasheet HTML 9Page - Luminus, Inc SST-10-R Datasheet HTML 10Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
(Part #) Product Datasheet
6
PDS-002895 Rev 04
© 2023 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SST-10-Red
Product Datasheet
Relative Luminous Flux vs. Forward Current
Relative Luminous Flux vs.Temperature
Relative Forward Voltage vs. Forward Current
Relative Forward Voltage vs.Temperature
Dominant Wavelength Shift vs. Forward Current
Dominant Wavelength Shift vs.Temperature
Φ
v/Φv(0.35 A), Tj = 25°C
Φ
v/Φv(25°C), If=0.35 A
V
f=f(If), Tj=25°C
ΔV
f=Vf(Tj)-Vf(25°C), If=0.35 A
Δλ= λ(I
f)-λ(0.35 A), Tj= 25°C
Δλ = λ(T
j) - λ(25°C), If= 0.35 A
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
105%
20 25 30 35 40 45 50 55 60 65 70 75 80 85
Tj (°C)
0%
50%
100%
150%
200%
250%
300%
350%
400%
0.00
0.25
0.50
0.75
1.00
1.25
1.50
If (A)
-0.12
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
20 25 30 35 40 45 50 55 60 65 70 75 80 85
Tj (°C)
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
20 25 30 35 40 45 50 55 60 65 70 75 80 85
Tj (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com