Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-10-R Datasheet(PDF) 10 Page - Luminus, Inc

Part # SST-10-R
Description  Red LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R Datasheet(HTML) 10 Page - Luminus, Inc

Back Button SST-10-R Datasheet HTML 6Page - Luminus, Inc SST-10-R Datasheet HTML 7Page - Luminus, Inc SST-10-R Datasheet HTML 8Page - Luminus, Inc SST-10-R Datasheet HTML 9Page - Luminus, Inc SST-10-R Datasheet HTML 10Page - Luminus, Inc SST-10-R Datasheet HTML 11Page - Luminus, Inc SST-10-R Datasheet HTML 12Page - Luminus, Inc SST-10-R Datasheet HTML 13Page - Luminus, Inc SST-10-R Datasheet HTML 14Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
PDS-002895 Rev 04
© 2023 Luminus Devices, Inc. - All Rights Reserved
Tape and Reel - B130 Package
8.00±0.10
.315±.004
2.00±0.10
.079±.004
4.00±0.10
.157±.004
1.50+0.10
0.00
.059+-
.004
.000
1.70±0.10
.067±.004
1.75±0.10
.069±.004
5.50±0.05
.217±.002
12.00±0.20
.472±.008
A
A
B
B
CATHODE SIDE
ANODE SIDE
3.80+0.10
0.00
.150+-
.004
.000
4.18+0.10
0.00
.165+-
.004
.000
0.25±0.05
5.0°
SECTION A-A
2.20+0.10
0.00
.087+-
.004
.000
3.80+0.10
0.00
.150+-
.004
.000
4.18+0.10
0.00
.165+-
.004
.000
5.0°
SECTION B-B
TOP VIEW
DETAIL D
178
7
C
13
.512
2.00
.079
3X
21.3
.839
16.0
.630
120°
DETAIL C
12.4
.488
NOTES:
FINAL TAPE AND REEL PACKAGING MUST MEET THE
1.
REQUIREMENTS OF JEDEC-STD-033, LEVEL 2A.
LEAVE 304.8mm [12.00 in] OF TAPE EMPTY FOR LEAD IN
2.
(38 EMPTY POCKETS).
LEAVE 457.2mm [18.00 in] OF TAPE EMPTY FOR TRAILER
3.
(57 EMPTY POCKETS).
MUST COMPLY TO EIA-481-C-2003
4.
UNREELING DIRECTION
UNREELING DIRECTION
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SST-10-Red
Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com