Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-10-R Datasheet(PDF) 14 Page - Luminus, Inc

Part # SST-10-R
Description  Red LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R Datasheet(HTML) 14 Page - Luminus, Inc

Back Button SST-10-R Datasheet HTML 8Page - Luminus, Inc SST-10-R Datasheet HTML 9Page - Luminus, Inc SST-10-R Datasheet HTML 10Page - Luminus, Inc SST-10-R Datasheet HTML 11Page - Luminus, Inc SST-10-R Datasheet HTML 12Page - Luminus, Inc SST-10-R Datasheet HTML 13Page - Luminus, Inc SST-10-R Datasheet HTML 14Page - Luminus, Inc SST-10-R Datasheet HTML 15Page - Luminus, Inc SST-10-R Datasheet HTML 16Page - Luminus, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
PDS-002895 Rev 04
© 2023 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SST-10-Red
Product Datasheet
Packaging Boxes
Shipping Label on Packaging Box
Multiple labels are attached to the box (one label per reel inside the box)
Label Information
CPN
Luminus ordering part number
CID
Customer ID
QTY
Quantity of parts per reel
Flux
Single flux bin code (see Flux Bins
table on page 3)
Voltage
N/A
Color
Single Dominant Wavelength bin
code (see Dominant Wavelength
Bins table on page 3)
CRI
N/A
Lot ID & Reel
ID
For Luminus internal use
*Capacity 5 reels per box
*Capacity 10 reels per box
Label: contains the type, Lot
#, Quality, Product
parameters
Box Size 1 - 5 reels per box
Size: 22.5 x 24.5 x 6.5 cm
Label contains the type, lot number,
quantity and product parameters
Label contains the type, lot number,
quantity and product parameters
Box Size 2 - 10 reels per box
Size: 22.5 x 24.5 x 13 cm
SST-10-R-XXXX-XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com