Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-10-R Datasheet(PDF) 8 Page - Luminus, Inc

Part # SST-10-R
Description  Red LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R Datasheet(HTML) 8 Page - Luminus, Inc

Back Button SST-10-R Datasheet HTML 4Page - Luminus, Inc SST-10-R Datasheet HTML 5Page - Luminus, Inc SST-10-R Datasheet HTML 6Page - Luminus, Inc SST-10-R Datasheet HTML 7Page - Luminus, Inc SST-10-R Datasheet HTML 8Page - Luminus, Inc SST-10-R Datasheet HTML 9Page - Luminus, Inc SST-10-R Datasheet HTML 10Page - Luminus, Inc SST-10-R Datasheet HTML 11Page - Luminus, Inc SST-10-R Datasheet HTML 12Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
PDS-002895 Rev 04
© 2023 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SST-10-Red
Product Datasheet
Notes
1. Product complies to Moisture Sensitivity Level 1 (MSL 1).
2. The numbers in the table are specific to SAC305. Luminus recommends using an SAC305 solder paste with a no-clean flux for RoHS compliant
products.
3. During the pick and place process, axial forces on the dome (or window) should not exceed 0.5 Newtons (N).
4. Use of a multi-zone IR reflow oven with a nitrogen blanket is recommended.
5. Time-temperature profile of the reflow process showing the four functional profile zones are defined in IPC-7801. Temperature is referenced to the
center of the PCB.
6. Luminus recommends to use the solder paste data sheet information as a starting point in time-temperature process development.
7. These are general guidelines. Consult the solder paste manufacturer’s datasheet for guidelines specific to the alloy and flux combination used in
your application. For more information, please refer to:
https://luminusdevices.zendesk.com/hc/en-us/articles/360060306692-How-do-I-Reflow-Solder-Luminus-SMD-Components-
8. For any technical questions about soldering process, please contact Luminus at techsupport@luminus.com.
SMT Rework Guideline
Manual Hotplate Reflow
Hot Air Gun Reflow
Heating Time
< 60 sec
Hotplate Temperature
< 245°C
< 150°C
Time
Preheat
RT to 150°C
1 - 2.5°C/sec
Soak
150°C to 180°C
0.4 - 1°C/sec
Reflow
180 to TL + 20°C
3 - 6°C/sec
Cool down
Peak to below 150°C
3 - 7°C/sec
Liquidus Temperature, TL (SAC305 = 220°C)
Peak Temperature (235 - 245°C)
Time Above Liquidus
(45 - 90 sec)
65 -> 200°C, 120 - 250 sec max
Soldering Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com