Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-10-R Datasheet(PDF) 5 Page - Luminus, Inc

Part # SST-10-R
Description  Red LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R Datasheet(HTML) 5 Page - Luminus, Inc

  SST-10-R Datasheet HTML 1Page - Luminus, Inc SST-10-R Datasheet HTML 2Page - Luminus, Inc SST-10-R Datasheet HTML 3Page - Luminus, Inc SST-10-R Datasheet HTML 4Page - Luminus, Inc SST-10-R Datasheet HTML 5Page - Luminus, Inc SST-10-R Datasheet HTML 6Page - Luminus, Inc SST-10-R Datasheet HTML 7Page - Luminus, Inc SST-10-R Datasheet HTML 8Page - Luminus, Inc SST-10-R Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
(Part #) Product Datasheet
5
PDS-002895 Rev 04
© 2023 Luminus Devices, Inc. - All Rights Reserved
Note 1: Ratings are based on operation at a constant junction temperature of T
j = 25°C. Test conditions: 350 mA, 20 ms pulse at 25°C.
Note 2: To prevent damage, please refer to operating conditions and derating curves for appropriate maximum operating conditions.
Parameter
Symbol
Value
Unit
Forward Current2
typ
I
f
350
mA
max
I
f max
1,500
Output Power
typ
Φ
r
360
mW
Forward Voltage
min
V
f min
1.8
V
typ
V
f
2.1
max
V
f max
2.6
Wall-Plug Efficiency
typ
WPE
49
%
Viewing Angle
typ
2 Ø
1/2
80 or 120
degrees
Dominant Wavelength
min
λ
d min
615
nm
typ
λ
d
621
max
λ
d max
627
FWHM
min
1/2 min
16
nm
typ
1/2
20
max
1/2 max
24
Thermal Resistance (Electrical)
typ
R
th
4.3
°C/W
Thermal coefficient of radiometric flux
typ
-0.8
% / °C
Thermal coefficient of forward voltage
typ
-2.0
mV / °C
Thermal coefficient of wavelength
typ
0.07
nm / °C
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SST-10-Red
Product Datasheet
Device Characteristics1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com