Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL Datasheet(PDF) 3 Page - Cree LED

Part # XPL
Description  XLamp® XP-L LEDs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL Datasheet(HTML) 3 Page - Cree LED

  XPL Datasheet HTML 1Page - Cree LED XPL Datasheet HTML 2Page - Cree LED XPL Datasheet HTML 3Page - Cree LED XPL Datasheet HTML 4Page - Cree LED XPL Datasheet HTML 5Page - Cree LED XPL Datasheet HTML 6Page - Cree LED XPL Datasheet HTML 7Page - Cree LED XPL Datasheet HTML 8Page - Cree LED XPL Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 26).
•
XLamp XP-L LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
XLAMP® XP-L LED
© 2014-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the
property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
CLD-DS97
REV 13
3
ORDER CODES SUGGESTED FOR NEW DESIGNS - XP-L HIGH DENSITY (T
J = 85 °C)
The following tables provide order codes for XLamp XP-L High Density LEDs. For a complete description of the order code nomenclature,
please see the Bin and Order Code Formats section (page 24). For definitions of the chromaticity kits, please see the Standard
Chromaticity Kits section (page 23).
Chromaticity
Minimum Luminous Flux (lm)
@ 1050 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
65 CRI Typical
70 CRI Minimum
51
6200 K
W2
500
549
XPLAWT-00-0000-0000W2051
XPLAWT-00-0000-000BW2051
V6
480
535
XPLAWT-00-0000-0000V6051
XPLAWT-00-0000-000BV6051
V5
460
513
XPLAWT-00-0000-0000V5051
XPLAWT-00-0000-000BV5051
53
6000 K
W2
500
549
XPLAWT-00-0000-0000W2053
XPLAWT-00-0000-000BW2053
V6
480
535
XPLAWT-00-0000-0000V6053
XPLAWT-00-0000-000BV6053
V5
460
513
XPLAWT-00-0000-0000V5053
XPLAWT-00-0000-000BV5053
50
6200 K
W2
500
549
XPLAWT-00-0000-0000W2050
XPLAWT-00-0000-000BW2050
V6
480
535
XPLAWT-00-0000-0000V6050
XPLAWT-00-0000-000BV6050
V5
460
513
XPLAWT-00-0000-0000V5050
XPLAWT-00-0000-000BV5050
E1
6500 K
W2
500
549
XPLAWT-00-0000-0000W20E1
XPLAWT-00-0000-000BW20E1
V6
480
535
XPLAWT-00-0000-0000V60E1
XPLAWT-00-0000-000BV60E1
V5
460
513
XPLAWT-00-0000-0000V50E1
XPLAWT-00-0000-000BV50E1
E2
5700 K
W2
500
549
XPLAWT-00-0000-0000W20E2
XPLAWT-00-0000-000BW20E2
V6
480
535
XPLAWT-00-0000-0000V60E2
XPLAWT-00-0000-000BV60E2
V5
460
513
XPLAWT-00-0000-0000V50E2
XPLAWT-00-0000-000BV50E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com