Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL Datasheet(PDF) 32 Page - Cree LED

Part # XPL
Description  XLamp® XP-L LEDs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL Datasheet(HTML) 32 Page - Cree LED

Back Button XPL Datasheet HTML 28Page - Cree LED XPL Datasheet HTML 29Page - Cree LED XPL Datasheet HTML 30Page - Cree LED XPL Datasheet HTML 31Page - Cree LED XPL Datasheet HTML 32Page - Cree LED XPL Datasheet HTML 33Page - Cree LED XPL Datasheet HTML 34Page - Cree LED XPL Datasheet HTML 35Page - Cree LED XPL Datasheet HTML 36Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
XLAMP® XP-L LED
© 2014-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the
property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
CLD-DS97
REV 13
32
TAPE AND REEL
All Cree LED carrier tapes conform to EIA-481D, Automated Component Handling Systems Standard.
Except as noted, all dimensions in mm.
All measurements are ±0.15 mm unless otherwise indicated.
XP-L High Density
XPLAWT-00-xxxx-xxxxxxxxx
High Density
Item
Ao
Bo
Ko
Po
P1
P2
T
E
F
Do
D1
W
R
Dim.
3.75
3.75
2.90
4.00
8.00
2.00
0.30
1.75
5.50
1.50
1.50
12.00
3°
Anode Side
D1
Ao
P1
P2
Po
Do
Bo
Ko
W
F
E
1) All Cree LED carrier tapes conform to EIA-481D, Automated Component handling Systems Standard
NOTICE
ITEM
Dim.
F
Do
Ao
A-A SECTION
ITEM
Dim.
Bo
D1
W
DETAIL"I"
Ko
Po
R
"I"
A
A
DETAIL"H"
P2
P1
T
E
B
B-B SECTION
"H"
T
Ao (on a place in the
bottom of the corner
radii)
R
Anode side
2) Measurement tolerances unless indicated otherwise: .xx = ±.15 mm
2402-M015 XPL-HD
3.60
3.60
3.00
4.00
8.00
2.00
0.30
1.75
5.50
1.50
1.50
12.00
3deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com