Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL Datasheet(PDF) 2 Page - Cree LED

Part # XPL
Description  XLamp® XP-L LEDs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL Datasheet(HTML) 2 Page - Cree LED

  XPL Datasheet HTML 1Page - Cree LED XPL Datasheet HTML 2Page - Cree LED XPL Datasheet HTML 3Page - Cree LED XPL Datasheet HTML 4Page - Cree LED XPL Datasheet HTML 5Page - Cree LED XPL Datasheet HTML 6Page - Cree LED XPL Datasheet HTML 7Page - Cree LED XPL Datasheet HTML 8Page - Cree LED XPL Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
XLAMP® XP-L LED
© 2014-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the
property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
CLD-DS97
REV 13
2
CHARACTERISTICS
Characteristics
Unit
Minimum
Typical
Maximum
Thermal resistance, junction to solder point*
°C/W
0.5
Viewing angle (FWHM) - XP-L High Density
degrees
125
Viewing angle (FWHM) - XP-L High Intensity
degrees
115
Temperature coefficient of voltage
mV/°C
-1.3
ESD withstand voltage (HBM per Mil-Std-883D)
Class 3B
DC forward current
mA
3000
Reverse voltage
V
1
Forward voltage (@ 1050 mA, 85 °C)
V
2.79
3.25
LED junction temperature
°C
150
*
Thermal resistance measurement was performed per the JEDEC JESD51-14 standard. See the
Thermal Resistance Measurement application
note for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com