Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL Datasheet(PDF) 39 Page - Cree LED

Part # XPL
Description  XLamp® XP-L LEDs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL Datasheet(HTML) 39 Page - Cree LED

Back Button XPL Datasheet HTML 35Page - Cree LED XPL Datasheet HTML 36Page - Cree LED XPL Datasheet HTML 37Page - Cree LED XPL Datasheet HTML 38Page - Cree LED XPL Datasheet HTML 39Page - Cree LED XPL Datasheet HTML 40Page - Cree LED XPL Datasheet HTML 41Page - Cree LED XPL Datasheet HTML 42Page - Cree LED XPL Datasheet HTML 43Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
Note
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 26).
XLAMP® XP-L LED
© 2014-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the
property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
CLD-DS97
REV 13
39
APPENDIX - ORDER CODES NOT FOR NEW DESIGNS - CONTINUED
The following order codes are active and valid order codes, but higher performance options are also available. Please see page 6 and
page 7 for order codes of XLamp XP-L High Density LEDs that could serve as alternatives for the order codes set forth below.
Chromaticity
Minimum Luminous
Flux (lm) @ 1050 mA
Order Codes
Kit
CCT
Code
Flux (lm)
80 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
E6
3500 K
V2
400
XPLAWT-00-0000-000HV20E6
U6
380
XPLAWT-00-0000-000LU60E6 XPLAWT-00-0000-000HU60E6
U5
360
XPLAWT-00-0000-000LU50E6 XPLAWT-00-0000-000HU50E6
Z6
3500 K
U6
380
XPLAWT-00-0000-000HU60Z6
U5
360
XPLAWT-00-0000-000LU50Z6 XPLAWT-00-0000-000HU50Z6
F7
3250 K
U6
380
XPLAWT-00-0000-000HU60F7
U5
360
XPLAWT-00-0000-000LU50F7 XPLAWT-00-0000-000HU50F7
U4
340
XPLAWT-00-0000-000LU40F7 XPLAWT-00-0000-000HU40F7
E7
3000 K
U6
380
XPLAWT-00-0000-000HU60E7
U5
360
XPLAWT-00-0000-000LU50E7 XPLAWT-00-0000-000HU50E7
U4
340
XPLAWT-00-0000-000LU40E7 XPLAWT-00-0000-000HU40E7
U3
320
XPLAWT-00-0000-000PU30E7
U2
300
XPLAWT-00-0000-000PU20E7 XPLAWT-00-0000-000UU20E7
T6
280
XPLAWT-00-0000-000PT60E7 XPLAWT-00-0000-000UT60E7
Z7
3000 K
U5
360
XPLAWT-00-0000-000HU50Z7
U4
340
XPLAWT-00-0000-000LU40Z7 XPLAWT-00-0000-000HU40Z7
U3
320
XPLAWT-00-0000-000PU30Z7
U2
300
XPLAWT-00-0000-000PU20Z7 XPLAWT-00-0000-000UU20Z7
T6
280
XPLAWT-00-0000-000PT60Z7 XPLAWT-00-0000-000UT60Z7
F8
2850 K
U5
360
XPLAWT-00-0000-000HU50F8
U4
340
XPLAWT-00-0000-000LU40F8 XPLAWT-00-0000-000HU40F8
U3
320
XPLAWT-00-0000-000PU30F8
U2
300
XPLAWT-00-0000-000PU20F8 XPLAWT-00-0000-000UU20F8
T6
280
XPLAWT-00-0000-000PT60F8 XPLAWT-00-0000-000UT60F8
T5
260
XPLAWT-00-0000-000PT50F8 XPLAWT-00-0000-000UT50F8
E8
2700 K
U5
360
XPLAWT-00-0000-000HU50E8
U4
340
XPLAWT-00-0000-000LU40E8 XPLAWT-00-0000-000HU40E8
U3
320
XPLAWT-00-0000-000PU30E8
U2
300
XPLAWT-00-0000-000PU20E8
T6
280
XPLAWT-00-0000-000PT60E8 XPLAWT-00-0000-000UT60E8
T5
260
XPLAWT-00-0000-000PT50E8 XPLAWT-00-0000-000UT50E8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com