Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL Datasheet(PDF) 7 Page - Cree LED

Part # XPL
Description  XLamp® XP-L LEDs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL Datasheet(HTML) 7 Page - Cree LED

Back Button XPL Datasheet HTML 3Page - Cree LED XPL Datasheet HTML 4Page - Cree LED XPL Datasheet HTML 5Page - Cree LED XPL Datasheet HTML 6Page - Cree LED XPL Datasheet HTML 7Page - Cree LED XPL Datasheet HTML 8Page - Cree LED XPL Datasheet HTML 9Page - Cree LED XPL Datasheet HTML 10Page - Cree LED XPL Datasheet HTML 11Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 26).
•
XLamp XP-L LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
XLAMP® XP-L LED
© 2014-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the
property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
CLD-DS97
REV 13
7
Chromaticity
Minimum Luminous Flux
(lm) @ 1050 mA
Order Codes
Kit
CCT
Code Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
80 CRI Typical
80 CRI Minimum
90 CRI Minimum
E8
2700 K
V3
400
468
XPLAWT-00-0000-000LV30E8
XPLAWT-00-0000-000HV30E8
V2
400
446
XPLAWT-00-0000-000LV20E8
XPLAWT-00-0000-000HV20E8
U6
380
424
XPLAWT-00-0000-000LU60E8
XPLAWT-00-0000-000HU60E8
U5
360
401
XPLAWT-00-0000-000LU50E8
U4
340
379
XPLAWT-00-0000-000UU40E8
U3
320
357
XPLAWT-00-0000-000UU30E8
U2
300
334
XPLAWT-00-0000-000UU20E8
Z8
2700 K
V2
400
446
XPLAWT-00-0000-000LV20Z8
XPLAWT-00-0000-000HV20Z8
U6
380
424
XPLAWT-00-0000-000LU60Z8
XPLAWT-00-0000-000HU60Z8
U5
360
401
XPLAWT-00-0000-000LU50Z8
XPLAWT-00-0000-000HU50Z8
U4
340
379
XPLAWT-00-0000-000LU40Z8
XPLAWT-00-0000-000UU40Z8
U3
320
357
XPLAWT-00-0000-000UU30Z8
U2
300
334
XPLAWT-00-0000-000UU20Z8
ORDER CODES SUGGESTED FOR NEW DESIGNS - XP-L HIGH DENSITY (T
J = 85 °C) - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com