Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL Datasheet(PDF) 9 Page - Cree LED

Part # XPL
Description  XLamp® XP-L LEDs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL Datasheet(HTML) 9 Page - Cree LED

Back Button XPL Datasheet HTML 5Page - Cree LED XPL Datasheet HTML 6Page - Cree LED XPL Datasheet HTML 7Page - Cree LED XPL Datasheet HTML 8Page - Cree LED XPL Datasheet HTML 9Page - Cree LED XPL Datasheet HTML 10Page - Cree LED XPL Datasheet HTML 11Page - Cree LED XPL Datasheet HTML 12Page - Cree LED XPL Datasheet HTML 13Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 26).
•
XLamp XP-L LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
XLAMP® XP-L LED
© 2014-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the
property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
CLD-DS97
REV 13
9
Chromaticity
Minimum Luminous Flux (lm) @
1050 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
70 CRI Minimum
75 CRI Typical
80 CRI Minimum
E3
5000 K
V4
440
491
XPLAWT-H0-0000-000BV40E3
XPLAWT-H0-0000-000LV40E3
V3
420
468
XPLAWT-H0-0000-000BV30E3
XPLAWT-H0-0000-000LV30E3
V2
400
446
XPLAWT-H0-0000-000BV20E3
XPLAWT-H0-0000-000LV20E3
F4
4750 K
V4
440
491
XPLAWT-H0-0000-000BV40F4
XPLAWT-H0-0000-000LV40F4
V3
420
468
XPLAWT-H0-0000-000BV30F4
XPLAWT-H0-0000-000LV30F4
V2
400
446
XPLAWT-H0-0000-000BV20F4
XPLAWT-H0-0000-000LV20F4
E4
4500 K
V4
440
491
XPLAWT-H0-0000-000BV40E4
XPLAWT-H0-0000-000LV40E4
V3
420
468
XPLAWT-H0-0000-000BV30E4
XPLAWT-H0-0000-000LV30E4
V2
400
446
XPLAWT-H0-0000-000BV20E4
XPLAWT-H0-0000-000LV20E4
F5
4250 K
V4
440
491
XPLAWT-H0-0000-000BV40F5
V3
420
468
XPLAWT-H0-0000-000BV30F5
XPLAWT-H0-0000-000LV30F5
V2
400
446
XPLAWT-H0-0000-000BV20F5
XPLAWT-H0-0000-000LV20F5
U6
380
424
XPLAWT-H0-0000-000LU60F5
E5
4000 K
V4
440
491
XPLAWT-H0-0000-000BV40E5
V3
420
468
XPLAWT-H0-0000-000BV30E5
XPLAWT-H0-0000-000LV30E5
XPLAWT-H0-0000-000HV30E5
V2
400
446
XPLAWT-H0-0000-000BV20E5
XPLAWT-H0-0000-000LV20E5
XPLAWT-H0-0000-000HV20E5
U6
380
424
XPLAWT-H0-0000-000LU60E5
XPLAWT-H0-0000-000HU60E5
F6
3700 K
V2
400
446
XPLAWT-H0-0000-000LV20F6
XPLAWT-H0-0000-000HV20F6
U6
380
424
XPLAWT-H0-0000-000LU60F6
XPLAWT-H0-0000-000HU60F6
U5
360
401
XPLAWT-H0-0000-000HU50F6
ORDER CODES SUGGESTED FOR NEW DESIGNS - XP-L HIGH INTENSITY (T
J = 85 °C) - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com