Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL Datasheet(PDF) 22 Page - Cree LED

Part # XPL
Description  XLamp® XP-L LEDs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL Datasheet(HTML) 22 Page - Cree LED

Back Button XPL Datasheet HTML 18Page - Cree LED XPL Datasheet HTML 19Page - Cree LED XPL Datasheet HTML 20Page - Cree LED XPL Datasheet HTML 21Page - Cree LED XPL Datasheet HTML 22Page - Cree LED XPL Datasheet HTML 23Page - Cree LED XPL Datasheet HTML 24Page - Cree LED XPL Datasheet HTML 25Page - Cree LED XPL Datasheet HTML 26Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
XLAMP® XP-L LED
© 2014-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the
property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
CLD-DS97
REV 13
22
STANDARD WARM AND NEUTRAL WHITE KITS PLOTTED ON ANSI STANDARD CHROMATICITY REGIONS -
CONTINUED
2700 K
3000 K
3500 K
4000 K
4500 K
5000 K
3A
3B
3C
3D
4A
4B
4C
4D
5A1
5A2
5A3
5A4
5B1
5B2
5B3
5B4
5C1
5C2
5C3
5C4
5D1
5D2
5D3
5D4 6A1
6A2
6A3
6A4
6B1
6B2
6B3
6B4
6C1
6C2
6C3
6C4
6D1
6D2
6D3
6D4
7A1
7A2
7A3
7A4
7B1
7B2
7B3
7B4
7C1
7C2
7C3
7C4
7D1
7D2
7D3
7D4 8A1
8A2 8A3
8A4
8B1
8B2 8B3
8B4 8C1
8C2 8C3
8C4
8D1
8D2 8D3
8D4
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
0.46
CCx
ANSI
C78.377A
Z6
Z7
Z5
Z8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com