Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL Datasheet(PDF) 1 Page - Cree LED

Part # XPL
Description  XLamp® XP-L LEDs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL Datasheet(HTML) 1 Page - Cree LED

  XPL Datasheet HTML 1Page - Cree LED XPL Datasheet HTML 2Page - Cree LED XPL Datasheet HTML 3Page - Cree LED XPL Datasheet HTML 4Page - Cree LED XPL Datasheet HTML 5Page - Cree LED XPL Datasheet HTML 6Page - Cree LED XPL Datasheet HTML 7Page - Cree LED XPL Datasheet HTML 8Page - Cree LED XPL Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4001 E. Hwy. 54, Suite 2000 / Durham, NC 27709 USA / +1.919.313.5330 / www.cree-led.com
© 2014-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the
property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
CLD-DS97
REV 13
1
XLamp® XP-L LEDs
XP-L High Density LED
XP-L High Intensity LED
PRODUCT DESCRIPTION
XLamp® XP-L LEDs are available in two
versions: High Density (HD) and High
Intensity (HI).
The XLamp XP-L HD LED is the highest
performing discrete in Cree LED’s HD class
of LEDs, delivering the next generation of
lumen output and efficacy in the compact
3.45 mm x 3.45 mm XP footprint. Cree LED’s
HD LEDs, optimized to deliver maximum
lumen output in a small form factor, enable
lighting manufacturers to improve the
performance of any lighting design, create
smaller and less expensive systems, and
develop new lighting solutions that were
previously not possible.
The XLamp XP-L HI LED is the first of Cree
LED’s new class of high-intensity LEDs
optimized to deliver maximum candela
through secondary optics. The XP-L HI LED
delivers 120 percent more candela than
the XP-L HD LED through the same optic.
The XP-L HI LED leverages the industry’s
highest single-die performance and a
new innovative primary optic design that
radically reduces the optical source size to
deliver both lumens and intensity.
FEATURES
• Available in white, 70-CRI white, 80-CRI
white, and 90-CRI white
• ANSI-compatible chromaticity bins
• Binned at 85 °C
• Maximum drive current: 3000 mA
• Low thermal resistance: 0.5 °C/W
• Wide viewing angle: 125° (XP-L HD),
115° (XP-L HI)
• Unlimited floor life at ≤ 30 ºC/85% RH
• Reflow solderable - JEDEC J-STD-020C
• Electrically neutral thermal path
• RoHS and REACH compliant
• UL® recognized component (E349212)
TABLE OF CONTENTS
Characteristics ............................................... 2
Order Codes Suggested for New Designs -
XP-L High Density .......................................... 3
Order Codes Suggested for New Designs -
XP-L High Intensity......................................... 8
Relative Spectral Power Distribution .......... 11
Relative Flux vs. Junction Temperature...... 11
Electrical Characteristics............................. 12
Relative Flux vs. Current .............................. 12
Relative Chromaticity vs. Current................ 13
Relative Chromaticity vs. Temperature....... 14
Typical Spatial Distribution.......................... 15
Thermal Design............................................ 15
Performance Groups - Luminous Flux........ 16
Performance Groups - Chromaticity........... 17
Standard Cool White Kits Plotted on ANSI
Standard Chromaticity Regions .................. 20
Standard Warm and Neutral White Kits
Plotted on ANSI Standard Chromaticity
Regions......................................................... 21
Standard Chromaticity Kits ......................... 23
Bin and Order Code Formats....................... 24
Reflow Soldering Characteristics................ 25
Notes ............................................................ 26
Mechanical Dimensions .............................. 28
Tape and Reel............................................... 32
Packaging..................................................... 36
Appendix - Order Codes Not For New
Designs......................................................... 37


Similar Part No. - XPL

ManufacturerPart #DatasheetDescription
logo
Cree LED
XPL2 CREELED-XPL2 Datasheet
2Mb / 34P
XLamp® XP-L2 LEDs
logo
Coilcraft lnc.
XPL2010 COILCRAFT-XPL2010 Datasheet
169Kb / 2P
Power Inductors
XPL2010 COILCRAFT-XPL2010 Datasheet
159Kb / 2P
Shielded Power Inductors
XPL2010 COILCRAFT-XPL2010 Datasheet
100Kb / 1P
Designer’s Kits
logo
Analog Devices
XPL2010-102ML AD-XPL2010-102ML Datasheet
826Kb / 28P
Dual 3 MHz, 800 mA Buck
REV. A
More results

Similar Description - XPL

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
XLamp XP-C LEDs
Rev 9A
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
XLamp XP-E2 LEDs
Rev 5
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
XLamp XP-E LEDs
Rev 18A
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
Cree XLamp XP-E2 LEDs
Rev 9A
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com